Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF2123U/10AA Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCF2123U/10AA
Description  SPI Real time clock/calendar
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123U/10AA Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCF2123U/10AA Datasheet HTML 5Page - NXP Semiconductors PCF2123U/10AA Datasheet HTML 6Page - NXP Semiconductors PCF2123U/10AA Datasheet HTML 7Page - NXP Semiconductors PCF2123U/10AA Datasheet HTML 8Page - NXP Semiconductors PCF2123U/10AA Datasheet HTML 9Page - NXP Semiconductors PCF2123U/10AA Datasheet HTML 10Page - NXP Semiconductors PCF2123U/10AA Datasheet HTML 11Page - NXP Semiconductors PCF2123U/10AA Datasheet HTML 12Page - NXP Semiconductors PCF2123U/10AA Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
PCF2123_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 4 December 2009
9 of 55
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
9.3 Control registers
9.3.1 Register Control_1
[1]
Default value.
[2]
For a software reset, 01011000 (58h) must be sent to register Control_1 (see Section 9.5).
Table 5.
Control_1 - control and status register 1 (address 00h) bit description
Bit
Symbol
Value
Description
Reference
7
EXT_TEST
0[1]
normal mode
Section 9.12
1
external clock test mode
6
N
-
unused
-
5STOP
0[1]
the RTC source clock runs
Section 9.13
1
the RTC clock is stopped;
RTC divider chain flip-flops are
asynchronously set to logic 0;
CLKOUT at 32.768 kHz, 16.384 kHz or
8.192 kHz is still available
4SR
0[1]
no software reset
Section 9.5
1
initiate software reset[2];
this register will always return a 0 when
read
3
N
-
unused
-
2
12_24
0[1]
24 hour mode is selected
-
1
12 hour mode is selected
1
CIE
0[1]
no correction interrupt generated
Section 9.11
1
interrupt pulses will be generated at every
correction cycle
0
N
-
unused
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com