Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF2123U/10AA Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCF2123U/10AA
Description  SPI Real time clock/calendar
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123U/10AA Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCF2123U/10AA Datasheet HTML 7Page - NXP Semiconductors PCF2123U/10AA Datasheet HTML 8Page - NXP Semiconductors PCF2123U/10AA Datasheet HTML 9Page - NXP Semiconductors PCF2123U/10AA Datasheet HTML 10Page - NXP Semiconductors PCF2123U/10AA Datasheet HTML 11Page - NXP Semiconductors PCF2123U/10AA Datasheet HTML 12Page - NXP Semiconductors PCF2123U/10AA Datasheet HTML 13Page - NXP Semiconductors PCF2123U/10AA Datasheet HTML 14Page - NXP Semiconductors PCF2123U/10AA Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
PCF2123_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 4 December 2009
11 of 55
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
The oscillator may be stopped, for example, by grounding one of the oscillator pins, OSCI
or OSCO. The oscillator is also considered to be stopped during the time between
power-on and stable crystal resonance. This time may be in the range of 200 ms to 2 s
depending on crystal type, temperature and supply voltage. At power-on the OS flag is
always set.
9.5 Reset
A reset is automatically generated at power-on. A reset can also be initiated with the
software reset command. It is generally recommended to make a software reset after
power-on.
A software reset can be initiated by setting the bits 6, 4 and 3 in register Control_1 logic 1
and all other bits logic 0 by sending the bit sequence 01011000 (58h), see Figure 10. If
this bit sequence is not correct, the software reset instruction will be ignored to protect the
device from accidently being reset. When sending the software instruction, the other bits
are not written.
Fig 8.
OS set by failing VDD
Fig 9.
OS flag
001aai561
VDD
VOSC(MIN)
t
battery operation
main supply
001aai553
OS = 1 and flag can not be cleared
OS = 1 and flag can be cleared
OS flag cleared
by software
OS flag set when
oscillation stops
oscillation now stable
t
VDD
oscillation
OS flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com