| Electronic Components Datasheet Search |
|
microSMD150F Datasheet(PDF) 9 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
microSMD150F Datasheet(HTML) 9 Page - Tyco Electronics |
|
9 / 18 page ![]() TELECOM AND BROADBAND PRODUCTS 6 Figure 1 Figure 2 TR250 A B E φ 0.65mm C B D φ 0.65mm A E These product lines consist of radial-leaded and surface-mount devices that help protect against short duration high voltage faults (250-600Vrms). TR and TS products are designed to help meet the protection needs of telecommunications applications. BBR devices help provide overcurrent protection of the power tap in hybrid-coaxial applications. Part IH IT V max. Operating V max. Interrupt I max. R min. R max. R1 max. Agency number (A) (A) (Vdc) (Vrms) (A) ( Ω)(Ω)(Ω) recognition Fig. TR250-080T 0.080 0.160 60 250 3.0 15.0 22.0 33.0 UL, TÜV, CSA 1 TR250-080U 0.080 0.160 60 250 3.0 14.0 20.0 33.0 UL, TÜV, CSA 1 TR250-110U 0.110 0.220 60 250 3.0 5.0 9.0 16.0 UL, TÜV, CSA 1 TR250-120 0.120 0.240 60 250 3.0 4.0 8.0 16.0 UL, TÜV, CSA 2 TR250-120T 0.120 0.240 60 250 3.0 7.0 12.0 16.0 UL, TÜV, CSA 2 TR250-120T-RA 0.120 0.240 60 250 3.0 7.0 9.0 16.0 UL, TÜV, CSA 2 TR250-120T-RC 0.130 0.240 60 250 3.0 5.4 7.5 14.0 UL, TÜV, CSA 2 TR250-120T-RF 0.120 0.240 60 250 3.0 6.0 10.5 16.0 UL, TÜV, CSA 2 TR250-120T-R1 0.120 0.240 60 250 3.0 6.0 9.0 16.0 UL, TÜV, CSA 2 TR250-120T-R2 0.120 0.240 60 250 3.0 8.0 10.5 16.0 UL, TÜV, CSA 2 TR250-120U 0.120 0.240 60 250 3.0 6.0 10.0 16.0 UL, TÜV, CSA 2 TR250-120UT 0.120 0.240 60 250 3.0 7.0 12.0 16.0 UL, TÜV, CSA 2 TR250-145 0.145 0.290 60 250 3.0 3.0 6.0 14.0 UL, TÜV, CSA 2 TR250-145-RA 0.145 0.290 60 250 3.0 3.0 5.5 12.0 UL, TÜV, CSA 2 TR250-145-RB 0.145 0.290 60 250 3.0 4.5 6.0 14.0 UL, TÜV, CSA 2 TR250-145T 0.145 0.290 60 250 3.0 5.4 7.5 14.0 UL, TÜV, CSA 2 TR250-145U 0.145 0.290 60 250 3.0 3.5 6.5 12.0 UL, TÜV, CSA 2 TRF250-180† 0.180 0.650 100 250 10.0 0.8 2.2 4.0 UL, TÜV, CSA 1 These products are intended for telecom applications. For continuous line voltage applications, see LVR product line. Please see the Raychem Circuit Protection Databook for application details. Most products are available in binned versions for resistance-matched applications. Please see Raychem Circuit Protection Databook for performance details. † F is for RoHS compliant devices. Dimensions (millimeters/ inches) Part ABCDE number (max.) (max.) (max.) (min.) (typ.) Fig. TR250-080T 5.8 (0.228) 9.9 (0.390) 4.6 (0.181) 4.7 (0.185) 5.0 (0.197) 1 TR250-080U 4.8 (0.189) 9.3 (0.366) 3.8 (0.150) 4.7 (0.185) 5.0 (0.197) 1 TR250-110U 5.3 (0.210) 9.4 (0.370) 3.8 (0.150) 4.7 (0.185) 5.0 (0.197) 1 TR250-120 6.5 (0.256) 11.0 (0.433) 4.6 (0.180) 4.7 (0.185) 5.0 (0.197) 2 TR250-120U 6.0 (0.236) 10.0 (0.394) 3.8 (0.150) 4.7 (0.185) 5.0 (0.197) 2 TR250-145 6.5 (0.256) 11.0 (0.433) 4.6 (0.180) 4.7 (0.185) 5.0 (0.197) 2 TR250-145U 6.0 (0.236) 10.0 (0.394) 3.8 (0.150) 4.7 (0.185) 5.0 (0.197) 2 TRF250-180 9.0 (0.354) 12.0 (0.472) 3.8 (0.150) 4.7 (0.185) 5.0 (0.197) 1 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |