Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

microSMD150F Datasheet(PDF) 12 Page - Tyco Electronics

Part # microSMD150F
Description  PolySwitch??Resettable Device Short Form Catalog
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

microSMD150F Datasheet(HTML) 12 Page - Tyco Electronics

Back Button microSMD150F Datasheet HTML 8Page - Tyco Electronics microSMD150F Datasheet HTML 9Page - Tyco Electronics microSMD150F Datasheet HTML 10Page - Tyco Electronics microSMD150F Datasheet HTML 11Page - Tyco Electronics microSMD150F Datasheet HTML 12Page - Tyco Electronics microSMD150F Datasheet HTML 13Page - Tyco Electronics microSMD150F Datasheet HTML 14Page - Tyco Electronics microSMD150F Datasheet HTML 15Page - Tyco Electronics microSMD150F Datasheet HTML 16Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
SURF ACE-MOUNT DEVICES FOR ELECTRONIC APPLICA TIONS
9
Dimensions (millimeters/
inches)
Part
IH
IT
V max.
I max.
Rmin
R1 max.
Agency
ABCDE
number
(A)
(A)
(Vdc)
(A)
(
Ω)(Ω)
recognition
(max.)
(max.)
(max.)
(min.)
(min.)
Fig.
nanoSMDC012F
*
0.12
0.30
30
10
1.40
6.50
Pending
3.4
(0.134)
1.00
(0.039)
1.8
(0.071)
0.25
(0.010)
0.076
(0.003)
1
nanoSMDC016F
*
0.16
0.40
30
10
1.10
5.00
Pending
3.4
(0.134)
1.00
(0.039)
1.8
(0.071)
0.25
(0.010)
0.076
(0.003)
1
nanoSMDC020F
0.20
0.42
24
100
0.65
2.60
UL, TÜV, CSA
3.4
(0.134)
0.64
(0.025)
1.8
(0.071)
0.25
(0.010)
0.076
(0.003)
1
nanoSMDC035F
0.35
0.75
16
20
0.45
1.40
UL, TÜV, CSA
3.4
(0.134)
0.64
(0.025)
1.8
(0.071)
0.25
(0.010)
0.076
(0.003)
1
nanoSMDC050F/13.2
0.50
1.10
13.2
100
0.20
0.80
UL, TÜV, CSA
3.4
(0.134)
0.64
(0.025)
1.8
(0.071)
0.25
(0.010)
0.076
(0.003)
1
nanoSMDC075F
0.75
1.50
6
100
0.12
0.40
UL, TÜV, CSA
3.4
(0.134)
0.48
(0.019)
1.8
(0.071)
0.25
(0.010)
0.076
(0.003)
1
nanoSMDC110F
1.10
2.20
6
100
0.07
0.20
UL, TÜV, CSA
3.4
(0.134)
1.00
(0.039)
1.8
(0.071)
0.25
(0.010)
0.076
(0.003)
1
nanoSMDC150F
1.50
3.00
6
100
0.04
0.11
UL, TÜV, CSA
3.4
(0.134)
0.89
(0.035)
1.8
(0.071)
0.25
(0.010)
0.076
(0.003)
1
nanoSMDC200F
*
2.00
4.00
6
100
0.02
0.07
Pending
3.4
(0.134)
1.25
(0.049)
1.8
(0.071)
0.25
(0.010)
0.076
(0.003)
1
* Data is preliminary.
nanoSMDC Series Size: 3216 (mm), 1206 (mils)
ELV Compliant, RoHS Compliant
Dimensions (millimeters/
inches)
Part
IH
IT
V max.
I max.
Rmin
R1 max.
Agency
ABCDE
number
(A)
(A)
(Vdc)
(A)
(
Ω)(Ω)
recognition
(max.)
(max.)
(max.)
(min.)
(min.)
Fig.
microSMD005F
0.05
0.15
30
10
3.6
50.0
UL, TÜV, CSA
3.43
(0.135)
0.85
(0.034)
2.80
(0.110)
0.25
(0.010)
0.20
(0.008)
1
microSMD010F
0.10
0.25
30
10
2.10
15.00
UL, TÜV, CSA
3.43
(0.135)
0.85
(0.034)
2.80
(0.110)
0.25
(0.010)
0.20
(0.008)
1
microSMD035F
0.35
0.75
6
40
0.32
1.30
UL, TÜV, CSA
3.43
(0.135)
0.62
(0.025)
2.80
(0.110)
0.25
(0.010)
0.20
(0.008)
1
microSMD050F
0.50
1.00
13.2
40
0.25
0.90
UL, TÜV, CSA
3.43
(0.135)
0.62
(0.025)
2.80
(0.110)
0.25
(0.010)
0.20
(0.008)
1
microSMD075F
0.75
1.50
6
40
0.11
0.40
UL, TÜV, CSA
3.43
(0.135)
0.62
(0.025)
2.80
(0.110)
0.25
(0.010)
0.20
(0.008)
1
microSMD110F
1.10
2.20
6
40
0.07
0.21
UL, TÜV, CSA
3.43
(0.135)
0.48
(0.019)
2.80
(0.110)
0.25
(0.010)
0.20
(0.008)
1
microSMD150F
1.50
3.00
6
40
0.04
0.11
UL, TÜV, CSA
3.43
(0.135)
1.22
(0.048)
2.80
(0.110)
0.25
(0.010)
0.20
(0.008)
1
microSMD175F
1.75
3.50
6
40
0.02
0.08
UL, TÜV, CSA
3.43
(0.135)
0.76
(0.030)
2.80
(0.110)
0.25
(0.010)
0.20
(0.008)
1
microSMD Series Size: 3225 (mm), 1210 (mils)
ELV Compliant, RoHS Compliant
Dimensions (millimeters/
inches)
Part
IH
IT
V max.
I max.
Rmin
R1 max.
Agency
ABCDE
number
(A)
(A)
(Vdc)
(A)
(
Ω)(Ω)
recognition
(max.)
(max.)
(max.)
(min.)
(min.)
Fig.
miniSMDC014F
0.14
0.34
60
10
1.500
6.000
UL, TÜV, CSA
4.73
(0.186)
0.89
(0.035)
3.41
(0.134)
0.25
(0.010)
0.20
(0.008)
1
miniSMDC020F
0.20
0.40
30
10
0.600
3.300
UL, TÜV, CSA
4.73
(0.186)
0.89
(0.035)
3.41
(0.134)
0.25
(0.010)
0.20
(0.008)
1
miniSMDC050F
0.50
1.00
24
100
0.150
1.000
UL, TÜV, CSA
4.73
(0.186)
0.62
(0.025)
3.41
(0.134)
0.25
(0.010)
0.20
(0.008)
1
miniSMDC075F
0.75
1.50
13.2
100
0.110
0.450
UL, TÜV, CSA
4.73
(0.186)
0.62
(0.025)
3.41
(0.134)
0.25
(0.010)
0.20
(0.008)
1
miniSMDC075F/24
0.75
1.50
24
40
0.090
0.290
UL, TÜV, CSA
4.73
(0.186)
1.07
(0.042)
3.41
(0.134)
0.25
(0.010)
0.20
(0.008)
1
miniSMDC110F
1.10
2.20
8
100
0.040
0.210
UL, TÜV, CSA
4.73
(0.186)
0.62
(0.025)
3.41
(0.134)
0.25
(0.010)
0.20
(0.008)
1
miniSMDC110F/16
1.10
2.20
16
100
0.060
0.180
UL, TÜV, CSA
4.73
(0.186)
0.48
(0.019)
3.41
(0.134)
0.25
(0.010)
0.20
(0.008)
1
miniSMDC110F/24
1.10
2.20
24
20
0.060
0.180
UL, TÜV, CSA
4.73
(0.186)
1.07
(0.042)
3.41
(0.134)
0.25
(0.010)
0.20
(0.008)
1
miniSMDC125F
1.25
2.50
6
100
0.050
0.140
UL, TÜV, CSA
4.73
(0.186)
0.48
(0.019)
3.41
(0.134)
0.25
(0.010)
0.20
(0.008)
1
miniSMDC125F/16
1.25
2.50
16
100
0.050
0.140
UL, TÜV, CSA
4.73
(0.186)
0.48
(0.019)
3.41
(0.134)
0.25
(0.010)
0.20
(0.008)
1
miniSMDC150F
1.50
3.00
6
100
0.040
0.110
UL, TÜV, CSA
4.73
(0.186)
0.48
(0.019)
3.41
(0.134)
0.25
(0.010)
0.20
(0.008)
1
miniSMDC150F/12
1.50
3.00
12
100
0.040
0.110
UL, TÜV, CSA
4.73
(0.186)
0.48
(0.019)
3.41
(0.134)
0.25
(0.010)
0.20
(0.008)
1
miniSMDC150F/24
1.50
3.00
24
20
0.040
0.120
UL, TÜV, CSA
4.73
(0.186)
1.50
(0.060)
3.41
(0.134)
0.25
(0.010)
0.20
(0.008)
1
miniSMDC160F
1.60
3.20
9
100
0.030
0.100
UL, TÜV, CSA
4.73
(0.186)
0.48
(0.019)
3.41
(0.134)
0.25
(0.010)
0.20
(0.008)
1
miniSMDC200F
2.00
4.00
8
100
0.020
0.070
UL, TÜV, CSA
4.73
(0.186)
1.22
(0.048)
3.41
(0.134)
0.25
(0.010)
0.20
(0.008)
1
miniSMDC260F
2.60
5.00
6
100
0.015
0.043
UL, TÜV, CSA
4.73
(0.186)
1.25
(0.050)
3.41
(0.134)
0.25
(0.010)
0.20
(0.008)
1
miniSMDC260F/12
2.60
5.00
12
100
0.015
0.047
UL, TÜV, CSA
4.73
(0.186)
1.25
(0.050)
3.41
(0.134)
0.25
(0.010)
0.20
(0.008)
1
miniSMDC260F/16
*
2.60
5.00
16
100
0.015
0.047
Pending
4.73
(0.186)
1.25
(0.050)
3.41
(0.134)
0.25
(0.010)
0.20
(0.008)
1
* Data is preliminary.
miniSMDC Series Size: 4532 (mm), 1812 (mils)
ELV Compliant, RoHS Compliant
Coming Soon
Coming Soon
Coming Soon
Coming Soon
New
New
New
New
New
New
Figure 1
B
C
E
D
A
Top view
Side view
E
D
Dimensions (millimeters/
inches)
Part
IH
IT
V max.
I max.
Rmin
R1 max.
Agency
ABCDE
number
(A)
(A)
(Vdc)
(A)
(
Ω)(Ω)
recognition
(max.)
(max.)
(max.)
(min.)
(min.)
Fig.
miniSMDE190F
1.90
3.80
16
100
0.024
0.080
UL, TÜV, CSA
11.51
(0.453)
0.53
(0.021)
5.33
(0.210)
0.510
(0.020) 0.381 (0.015)
1
miniSMDE Series Size: 11550 (mm), 4420 (mils)
ELV Compliant, RoHS Compliant
These product lines are designed for surface-mount
applications. The variety of sizes enables installation
in limited space applications such as crowded printed
circuit boards, digital cameras, PC cards, subnotebook
computers, computer peripheral equipment, and
general electronics. These devices are designed for
applications where such space is constrained and
resettable circuit protection is desired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18