Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC32MX320F032H Datasheet(PDF) 49 Page - Microchip Technology

Part # PIC32MX320F032H
Description  64/100-Pin General Purpose and USB 32-Bit Flash Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX320F032H Datasheet(HTML) 49 Page - Microchip Technology

Back Button PIC32MX320F032H Datasheet HTML 45Page - Microchip Technology PIC32MX320F032H Datasheet HTML 46Page - Microchip Technology PIC32MX320F032H Datasheet HTML 47Page - Microchip Technology PIC32MX320F032H Datasheet HTML 48Page - Microchip Technology PIC32MX320F032H Datasheet HTML 49Page - Microchip Technology PIC32MX320F032H Datasheet HTML 50Page - Microchip Technology PIC32MX320F032H Datasheet HTML 51Page - Microchip Technology PIC32MX320F032H Datasheet HTML 52Page - Microchip Technology PIC32MX320F032H Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 172 page
background image
BF88_6060
LATB(4,5)
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
15:0
LATB<15:0>
BF88_6070 ODCB(4,5)
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
15:0
ODCB<15:0>
BF88_6080
TRISC
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
15:0
TRISC15
TRISC14
TRISC13
TRISC12
—
—
—
—
—
—
—
TRISC4(6) TRISC3(6) TRISC2(6) TRISC1(6)
—
BF88_6090
PORTC
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
15:0
RC15
RC14
RC13
RC12
—
—
—
—
—
—
—
RC4(6)
RC3(6)
RC2(6)
RC1(6)
—
BF88_60A0
LATC
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
15:0
LATC15
LATC14
LATC13
LATC12
—
—
—
—
—
—
—LATC4(6)
LATC3(6)
LATC2(6)
LATC1(6)
—
BF88_60B0
ODCC
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
15:0
ODCC15
ODCC14
ODCC13
ODCC12
—
—
—
—
—
—
—
ODCC4(6) ODCC3(6) ODCC2(6) ODCC1(6)
—
BF88_60C0
TRISD
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
15:0 TRISD15(6) TRISD14(6) TRISD13(6) TRISD12(6)
TRISD<11:8>
TRISD<7:0>
BF88_60D0
PORTD
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
15:0
RD15(6)
RD14(6)
RD13(6)
RD12(6)
RD<11:8>
RD<7:0>
BF88_60E0
LATD
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
15:0
LAT15(6)
LAT14(6)
LAT13(6)
LAT12(6)
LATD<11:8>
LATD<7:0>
BF88_60F0
ODCD
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
15:0 ODCD15(6) ODCD14(6) ODCD13(6) ODCD12(6)
ODCD<11:8>
ODCD<7:0>
BF88_6100
TRISE
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
15:0
—
—
—
—
—
—
TRISE9(6) TRISE8(6)
TRISE<7:0>
BF88_6110
PORTE
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
15:0
—
—
—
—
—
—RE9(6)
RE8(6)
RE<7:0>
BF88_6120
LATE
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
15:0
—
—
—
—
—
—LATE9(6)
LATE8(6)
LATE<7:0>
TABLE 4-17:
PORT A-G REGISTERS MAP(11) (CONTINUED)
SFR
Virtual
Addr
SFR
Name
Bits
31/15
Bits
30/14
Bits
29/13
Bits
28/12
Bits
27/11
Bits
26/10
Bits
25/9
Bits
24/8
Bits
23/7
Bits
22/6
Bits
21/5
Bits
20/4
Bits
19/3
Bits
18/2
Bits
17/1
Bits
16/0
Legend:
x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note 1:
TRISA, PORTA, LATA and ODCA registers are not implemented on 64-pin devices, and read as ‘0’.
2:
JTAG program/debug port is multiplexed with port pins RA0, RA1, RA4 and RA5 on 100-pin devices. At power-on-reset, these pins are controlled by the JTAG port. To use these pins for general purpose I/O, the
user’s application code must clear JTAGEN (DDPCON<3>) bit = 0. To use these pins for JTAG program/debug, the user’s application code must maintain JTAGEN bit = 1.
3:
On specific 100-pin devices, the instruction TRACE port is multiplexed with PORTA pins RA6, RA7; PORTG pins RG12, RG13 and RG14. At Power-on Reset, these pins are general purpose I/O pins. To maintain
these pins as general purpose I/O pins, the user’s application code must maintain TROEN (DDPCON<2>) bit = 0. To use these pins as instruction TRACE pins, TROEN must be set = 1.
4:
JTAG program/debug port is multiplexed with port pins RB10, RB11, RB12 and RB13 on 64-pin devices. At power-on-reset, these pins are controlled by the JTAG port. To use these pins for general purpose I/O, the
user’s application code must clear JTAGEN (DDPCON<3>) bit = 0. To use these pins for JTAG program/debug, the user’s application code must maintain JTAGEN bit = 1.
5:
Port Pin RB3 is not available as a general purpose I/O pin when the USB module is enabled.
6:
Not implemented on 64-pin devices. Read as ‘0’.
7:
Not implemented on 64-pin USB devices. Read as ‘0’.
8:
Not implemented on 100-pin USB devices. Read as ‘0’.
9:
Not available as a general purpose I/O pin when USB module is enabled.
10:
Not available as a general purpose I/O pin when USB module is enabled. Input only when the USB module is disabled.
11:
All registers in this table have corresponding CLR, SET, and INV Registers at their virtual addresses, plus offsets of 0x4, 0x8, and 0xC, respectively. See Section 12.1.1 “CLR, SET and INV Registers” for more infor-
mation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com