Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC32MX320F032H Datasheet(PDF) 79 Page - Microchip Technology

Part # PIC32MX320F032H
Description  64/100-Pin General Purpose and USB 32-Bit Flash Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX320F032H Datasheet(HTML) 79 Page - Microchip Technology

Back Button PIC32MX320F032H Datasheet HTML 75Page - Microchip Technology PIC32MX320F032H Datasheet HTML 76Page - Microchip Technology PIC32MX320F032H Datasheet HTML 77Page - Microchip Technology PIC32MX320F032H Datasheet HTML 78Page - Microchip Technology PIC32MX320F032H Datasheet HTML 79Page - Microchip Technology PIC32MX320F032H Datasheet HTML 80Page - Microchip Technology PIC32MX320F032H Datasheet HTML 81Page - Microchip Technology PIC32MX320F032H Datasheet HTML 82Page - Microchip Technology PIC32MX320F032H Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 172 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS61143F-page 77
PIC32MX3XX/4XX
15.0 INPUT CAPTURE
The Input Capture module is useful in applications
requiring frequency (period) and pulse measurement.
The PIC32MX3XX/4XX devices support up to five input
capture channels.
The input capture module captures the 16-bit or 32-bit
value of the selected Time Base registers when an
event occurs at the ICx pin. The events that cause a
capture event are listed below in three categories:
1.
Simple Capture Event modes
- Capture timer value on every falling edge of
input at ICx pin
- Capture timer value on every rising edge of
input at ICx pin
2.
Capture timer value on every edge (rising and
falling)
3.
Capture timer value on every edge (rising and
falling), specified edge first.
4.
Prescaler Capture Event modes
- Capture timer value on every 4th rising edge
of input at ICx pin
- Capture timer value on every 16th rising
edge of input at ICx pin
Each input capture channel can select between one of
two 16-bit timers (Timer2 or Timer3) for the time base,
or two 16-bit timers (Timer2 and Timer3) together to
form a 32-bit timer. The selected timer can use either
an internal or external clock.
Other operational features include:
• Device wake-up from capture pin during CPU
Sleep and Idle modes
• Interrupt on input capture event
• 4-word FIFO buffer for capture values
- Interrupt optionally generated after 1, 2, 3 or
4 buffer locations are filled
• Input capture can also be used to provide
additional sources of external interrupts
FIGURE 15-1:
INPUT CAPTURE BLOCK DIAGRAM
Note:
This data sheet summarizes the features of
the PIC32MX3XX/4XX family of devices. It
is not intended to be a comprehensive
reference source. Refer to the “PIC32MX
Family Reference Manual” Section 15.
“Input Capture”
(DS61122) for a detailed
description of this peripheral.
The manual is available from the Microchip
web site (www.Microchip.com/PIC32).
Prescaler
1, 4, 16
Edge Detect
FIFO Control
Interrupt
Event
Generation
ICxBUF<31:16>
Interrupt
Timer 3 Timer 2
ICxCON
ICM<2:0>
ICM<2:0>
ICFEDGE
ICI<1:0>
ICBNE
ICOV
ICx Input
0
1
ICxBUF<15:0>
Data Space Interface
Peripheral Data Bus
ICC32
ICTMR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com