Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RUSBF185-AP Datasheet(PDF) 11 Page - Tyco Electronics

Part # RUSBF185-AP
Description  PolySwitch Resettable Devices Radial-leaded Devices
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RUSBF185-AP Datasheet(HTML) 11 Page - Tyco Electronics

Back Button RUSBF185-AP Datasheet HTML 7Page - Tyco Electronics RUSBF185-AP Datasheet HTML 8Page - Tyco Electronics RUSBF185-AP Datasheet HTML 9Page - Tyco Electronics RUSBF185-AP Datasheet HTML 10Page - Tyco Electronics RUSBF185-AP Datasheet HTML 11Page - Tyco Electronics RUSBF185-AP Datasheet HTML 12Page - Tyco Electronics RUSBF185-AP Datasheet HTML 13Page - Tyco Electronics RUSBF185-AP Datasheet HTML 14Page - Tyco Electronics RUSBF185-AP Datasheet HTML 15Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
121
RoHS Compliant, ELV Compliant
10
RKEF
60V
RKEF050
—
7.10
—
11.43
4.32
5.84
7.60
—
—
3.56
—
—
—
R10, R13,
(0.28)
(0.45)
(0.17) (0.23)
(0.30)
(0.14)
R14
RKEF065
—
7.11
—
12.20
4.32
5.84
7.60
—
—
3.56
—
—
—
R10, R13,
(0.28)
(0.48)
(0.17) (0.23)
(0.30)
(0.14)
R14
RKEF075
—
7.87
—
12.20
4.32
5.84
7.60
—
—
3.56
—
—
—
R10, R13,
(0.31)
(0.48)
(0.17) (0.23)
(0.30)
(0.14)
R14
RKEF090
—
7.87
—
13.97
4.32
5.84
7.60
—
—
3.56
—
—
—
R10, R13,
(0.31)
(0.55)
(0.17) (0.23)
(0.30)
(0.14)
R14
RKEF110
—
7.60
—
15.00
4.32
5.84
7.60
—
—
4.10
—
—
—
R10, R13,
(0.30)
(0.59)
(0.17) (0.23)
(0.30)
(0.16)
R14
RKEF135
—
10.20
—
17.00
4.32
5.84
7.60
—
—
3.81
—
—
—
R11, R13,
(0.40)
(0.67)
(0.17) (0.23)
(0.30)
(0.15)
R14
RKEF160
—
12.20
—
18.30
4.32
5.84
7.60
—
—
3.81
—
—
—
R11, R13,
(0.48)
(0.72)
(0.17) (0.23)
(0.30)
(0.15)
R14
RKEF185
—
13.00
—
18.80
4.32
5.84
7.60
—
—
3.81
—
—
—
R11, R13,
(0.51)
(0.74)
(0.17) (0.23)
(0.30)
(0.15)
R14
RKEF250
—
14.00
—
20.60
4.32
5.84
7.60
—
—
3.00
—
—
—
R11, R13,
(0.55)
(0.81)
(0.17) (0.23)
(0.30)
(0.12)
R14
RKEF300
—
16.50
—
21.20
4.32
5.84
7.60
—
—
3.00
—
—
—
R11, R13,
(0.65)
(0.83)
(0.17) (0.23)
(0.30)
(0.12)
R14
RKEF375
—
16.50
—
25.20
9.40
10.90
7.60
—
—
3.00
—
—
—
R11, R13,
(0.65)
(0.99)
(0.37) (0.43)
(0.30)
(0.12)
R14
RKEF400
—
21.00
—
24.90
9.40
10.90
7.60
—
—
3.00
—
—
—
R11, R13,
(0.83)
(0.98)
(0.37) (0.43)
(0.30)
(0.12)
R14
RKEF500
—
24.10
—
29.00
9.40
10.90
7.60
—
—
3.00
—
—
—
R11, R13,
(0.95)
(1.14)
(0.37) (0.43)
(0.30)
(0.12)
R14
RTEF
33V
RTEF120
—
7.4
—
12.2
4.3
5.8
7.6
—
—
3.0
—
0.89
0.8
R10, R13,
(0.29)
(0.48)
(0.17) (0.23)
(0.30)
(0.12)
(0.035)
(0.03)
R14
RTEF135
—
7.4
—
14.2
4.3
5.8
7.6
—
—
3.0
—
0.89
0.8
R10, R13,
(0.29)
(0.56)
(0.17) (0.23)
(0.30)
(0.12)
(0.035)
(0.03)
R14
RTEF190
—
8.9
—
13.5
4.3
5.8
7.6
—
—
3.0
—
0.89
1.0
R10, R13,
(0.35)
(0.53)
(0.17) (0.23)
(0.30)
(0.12)
(0.035)
(0.04)
R14
RUEF
30V
RUEF090
—
7.4
—
12.2
4.3
5.8
7.6
—
—
3.0
—
0.89
0.8
R10, R13,
(0.29)
(0.48)
(0.17) (0.23)
(0.30)
(0.12)
(0.035)
(0.03)
R14
RUEF110
—
7.4
—
14.2
4.3
5.8
7.6
—
—
3.0
—
0.89
0.8
R10, R13,
(0.29)
(0.56)
(0.17) (0.23)
(0.30)
(0.12)
(0.035)
(0.03)
R14
RUEF135
—
8.9
—
13.5
4.3
5.8
7.6
—
—
3.0
—
0.89
1.0
R10, R13,
(0.35)
(0.53)
(0.17) (0.23)
(0.30)
(0.12)
(0.035)
(0.04)
R14
RUEF160
—
8.9
—
15.2
4.3
5.8
7.6
—
—
3.0
—
0.89
1.0
R10, R13,
(0.35)
(0.60)
(0.17) (0.23)
(0.30)
(0.12)
(0.035)
(0.04)
R14
RUEF185
—
10.2
—
15.7
4.3
5.8
7.6
—
—
3.0
—
0.89
1.0
R10, R13,
(0.40)
(0.62)
(0.17) (0.23)
(0.30)
(0.12)
(0.035)
(0.04)
R14
RUEF250
—
11.4
—
18.3
4.3
5.8
7.6
—
—
3.0
—
0.89
1.2
R10, R13,
(0.45)
(0.72)
(0.17) (0.23)
(0.30)
(0.12)
(0.035)
(0.05)
R14
RUEF300
—
11.4
—
16.5
4.3
5.8
7.6
—
—
3.0
—
1.19
1.5
R11, R13,
(0.45)
(0.65)
(0.17) (0.23)
(0.30)
(0.12)
(0.047)
(0.06)
R14
RUEF400
—
14.0
—
19.3
4.3
5.8
7.6
—
—
3.0
—
1.19
1.7
R11, R13,
(0.55)
(0.76)
(0.17) (0.23)
(0.30)
(0.12)
(0.047)
(0.07)
R14
RUEF500
—
14.0
—
24.1
9.4
10.9
7.6
—
—
3.0
—
1.19
1.0
R11, R13,
(0.55)
(0.95)
(0.37) (0.43)
(0.30)
(0.12)
(0.047)
(0.04)
R14
RUEF600
—
16.5
—
24.1
9.4
10.9
7.6
—
—
3.0
—
1.19
1.0
R11, R13,
(0.65)
(0.95)
(0.37) (0.43)
(0.30)
(0.12)
(0.047)
(0.04)
R14
RUEF700
—
19.1
—
25.9
9.4
10.9
7.6
—
—
3.0
—
1.19
1.2
R11, R13,
(0.75)
(1.02)
(0.37) (0.43)
(0.30)
(0.12)
(0.047)
(0.05)
R14
RUEF800
—
21.6
—
28.4
9.4
10.9
7.6
—
—
3.0
—
1.19
1.5
R11, R13,
(0.85)
(1.12)
(0.37) (0.43)
(0.30)
(0.12)
(0.047)
(0.06)
R14
RUEF900
—
24.1
—
29.0
9.4
10.9
7.6
—
—
3.0
—
1.19
1.5
R11, R13,
(0.95)
(1.14)
(0.37) (0.43)
(0.30)
(0.12)
(0.047)
(0.06)
R14
Part Number
A
Min.
Max.
J
Typ.
Figure
B
Min.
Max.
C
Min.
Max.
D
Min.
Max.
E
Min.
Max.
F
Typ.
H
Typ.
Table R4 Dimensions for Radial-leaded Devices in Millimeters (Inches)
Cont’d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com