Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RUSBF185-AP Datasheet(PDF) 15 Page - Tyco Electronics

Part # RUSBF185-AP
Description  PolySwitch Resettable Devices Radial-leaded Devices
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RUSBF185-AP Datasheet(HTML) 15 Page - Tyco Electronics

Back Button RUSBF185-AP Datasheet HTML 11Page - Tyco Electronics RUSBF185-AP Datasheet HTML 12Page - Tyco Electronics RUSBF185-AP Datasheet HTML 13Page - Tyco Electronics RUSBF185-AP Datasheet HTML 14Page - Tyco Electronics RUSBF185-AP Datasheet HTML 15Page - Tyco Electronics RUSBF185-AP Datasheet HTML 16Page - Tyco Electronics RUSBF185-AP Datasheet HTML 17Page - Tyco Electronics RUSBF185-AP Datasheet HTML 18Page - Tyco Electronics RUSBF185-AP Datasheet HTML 19Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
125
RoHS Compliant, ELV Compliant
10
Fault Current (A)
1000
100
10
1
0.1
0.01
0.001
1
10
100
A
A
B
B
C
D
E
F
G
H
I
J
K
L
C D
E
F GH I
J K
L
Figure R19
RGEF (data at 25°C)
A=
RGEF250
B=
RGEF300
C=
RGEF400
D=
RGEF500
E=
RGEF600
F=
RGEF700
G=
RGEF800
H=
RGEF900
I=
RGEF1000
J=
RGEF1100
K=
RGEF1200
L=
RGEF1400
Fault Current (A)
100
10
1
0.1
0.01
0.001
10
1
100
A
A
B
C
D
E
F
G
H
I
B
C
D
E
FG
H
I
Figure R21
RUSBF
A=
RUSBF075
B=
RUSBF090
C=
RUSBF110
D=
RUSBF120
E=
RUSBF135
F=
RUSBF155
G=
RUSBF160
H=
RUSBF185
I=
RUSBF250
Fault Current (A)
1000
100
10
1
0.1
0.01
1
10
100
A
B
C
DE
F
G
H
I
J
K
L
M
N
O
P Q
R
S
B
C
D
E
F G
H I JKLM N O P QR S
Figure R20
RHEF (data at 25°C)
A=
RHEF050
B=
RHEF070
C=
RHEF100
D=
RHEF200
E=
RHEF300
F=
RHEF400
G=
RHEF450
H=
RHEF550
I=
RHEF600
J=
RHEF650
K=
RHEF700
L=
RHEF750
M=
RHEF800
N=
RHEF900
O=
RHEF1000
P=
RHEF1100
Q=
RHEF1300
R=
RHEF1400
S=
RHEF1500
Figure R15-R21 Typical Time-to-trip Curves at 20°C for Radial-leaded Devices
Cont’d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com