Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F320J3D-75 Datasheet(PDF) 65 Page - Numonyx B.V

Part # JS28F320J3D-75
Description  Numonyx??Embedded Flash Memory (J3 v. D)
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F320J3D-75 Datasheet(HTML) 65 Page - Numonyx B.V

Back Button JS28F320J3D-75 Datasheet HTML 60Page - Numonyx B.V JS28F320J3D-75 Datasheet HTML 61Page - Numonyx B.V JS28F320J3D-75 Datasheet HTML 62Page - Numonyx B.V JS28F320J3D-75 Datasheet HTML 63Page - Numonyx B.V JS28F320J3D-75 Datasheet HTML 64Page - Numonyx B.V JS28F320J3D-75 Datasheet HTML 65Page - Numonyx B.V JS28F320J3D-75 Datasheet HTML 66Page - Numonyx B.V JS28F320J3D-75 Datasheet HTML 67Page - Numonyx B.V JS28F320J3D-75 Datasheet HTML 68Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 65 / 68 page
background image
November 2007
Datasheet
308551-05
65
Numonyx™ Embedded Flash Memory (J3 v. D)
(P+19)h
1
CFI Link Quantity Subfield Definition
04A
--10
Bits [3:0] = Quantity field (n such that n+1 equals quantity
Bit 4 = Table & die relative location
• 0b = Table & die on different CE#
• 1b = Table & die on same CE#
Bit 5 = Link field & table relative location
• 0b = Table & die on different CE#
• 1b = Table & die on same CE#
Bits [7:6] = RFU (Set to 00b)
Table 43: Additional CFI link for the lower die of the stacked device (256 Mb only)
Offset(1)
P = 31h
Length
Description
(Optional Flash Features and Commands)
Add.
Hex Code
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com