Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BC846A Datasheet(PDF) 2 Page - Zowie Technology Corporation

Part # BC846A
Description  GENERAL PURPOSE TRANSISTOR NPN SILICON
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

BC846A Datasheet(HTML) 2 Page - Zowie Technology Corporation

  BC846A Datasheet HTML 1Page - Zowie Technology Corporation BC846A Datasheet HTML 2Page - Zowie Technology Corporation BC846A Datasheet HTML 3Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Zowie Technology Corporation
Characteristic
ELECTRICAL CHARACTERISTICS (TA=25
o
C unless otherwise noted) (Continued)
ON CHARACTERISTICS
DC Current Gain
( IC= 10 uA, VCE= 5.0 V )
( IC= 2.0 mA, VCE= 5.0 V )
BC846A
BC846B
BC846A
BC846B
Collector-Emitter Saturation Voltage
( IC= 10 mA, IB= 0.5 mA )
( IC= 100 mA, IB= 5.0 mA )
Base-Emitter Saturation Voltage
( IC= 10 mA, IB= 0.5 mA )
( IC= 100 mA, IB= 5.0 mA )
SMALL-SIGNAL CHARACTERISTIC
Current-Gain-Bandwidth Product
( IC= 10 mA, VCE= 5.0 V, f=100 MHZ )
Output Capacitance
( VCB= 10 V, f=1.0 MHZ )
Noise Figure
( VCE= 5.0 Vdc, IC= 0.2 mA, RS= 2.0k ohms, f=1.0 kHZ, BW = 200HZ)
Symbol
HFE
VCE(sat)
VBE(sat)
fT
Cobo
NF
Unit
-
V
V
MHZ
pF
dB
Min.
-
-
110
200
-
-
-
-
100
-
-
Max.
-
-
220
450
0.25
0.60
-
-
-
4.5
10
Typ.
90
150
180
290
-
-
0.7
0.9
Base-Emitter Voltage
( IC= 2.0 mA, VCE= 5.0V )
( IC= 10 mA, VCE= 5.0V )
VBE(on)
mV
580
-
700
770
660
-
-
-
-
Zowie Technology Corporation
REV. : 0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com