Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BC846A Datasheet(PDF) 3 Page - Zowie Technology Corporation

Part # BC846A
Description  GENERAL PURPOSE TRANSISTOR NPN SILICON
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

BC846A Datasheet(HTML) 3 Page - Zowie Technology Corporation

  BC846A Datasheet HTML 1Page - Zowie Technology Corporation BC846A Datasheet HTML 2Page - Zowie Technology Corporation BC846A Datasheet HTML 3Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Zowie Technology Corporation
REV. : 0
Zowie Technology Corporation
BC846A,B
Figure 1. Normalized DC Current Gain
IC, COLLECTOR CURRENT ( mA )
Figure 3. Collector Saturation Region
Figure 4. Base-Emitter Temperature Coefficient
IC, COLLECTOR CURRENT ( mA )
IB, BASE CURRENT ( mA )
IC, COLLECTOR CURRENT ( mA )
Figure 5. Capacitances
VR, REVERSE VOLTAGE ( VOLTS )
Figure 6. Current-Gain-Bandwidth Product
IC, COLLECTOR CURRENT ( mA )
Figure 2. "Saturation" and "On" Voltage
2.0
0.2
0.5
1.0
10
20
50
0.2
100
2.0
5.0
200
1.5
1.0
0.8
0.6
0.4
0.3
TA= 25
o
C
TA= 25
o
C
TA= 25
o
C
TA= 25
o
C
TA= 25
o
C
-55
o
C to +125
o
C
VCE = 10 V
0.6
0.7
0.8
0.9
1.0
0.5
0
0.2
0.4
0.1
0.3
0.2
0.5
1.0
10
20
50
2.0
100
70
30
7.0
5.0
3.0
0.7
0.3
0.1
VBE(SAT) @ IC/IB = 10
VCE(SAT) @ IC/IB = 10
VBE(on) @ VCE = 10 V
1.2
1.6
2.0
0.02
1.0
10
0
20
0.1
0.4
0.8
1.6
1.2
2.0
2.8
2.4
0.2
1.0
10
100
1.0
40
0.1
0.2
0.5
10
20
50
2.0
1.0
5.0
100
20
10
6.0
4.0
2.0
Cib
Cob
600
500
20
100
200
50
1.0
10
50
100
5.0
0
VCE = 5 V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com