Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

24FC128-E/SN Datasheet(PDF) 35 Page - Microchip Technology

Part # 24FC128-E/SN
Description  128K I2C??CMOS Serial EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24FC128-E/SN Datasheet(HTML) 35 Page - Microchip Technology

Back Button 24FC128-E/SN Datasheet HTML 30Page - Microchip Technology 24FC128-E/SN Datasheet HTML 31Page - Microchip Technology 24FC128-E/SN Datasheet HTML 32Page - Microchip Technology 24FC128-E/SN Datasheet HTML 33Page - Microchip Technology 24FC128-E/SN Datasheet HTML 34Page - Microchip Technology 24FC128-E/SN Datasheet HTML 35Page - Microchip Technology 24FC128-E/SN Datasheet HTML 36Page - Microchip Technology 24FC128-E/SN Datasheet HTML 37Page - Microchip Technology 24FC128-E/SN Datasheet HTML 38Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
 2010 Microchip Technology Inc.
DS21191S-page35
24AA128/24LC128/24FC128
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
24AA128:
128 Kbit 1.7V I2C Serial EEPROM
24AA128T: 128 Kbit 1.7V I2C Serial EEPROM
(Tape and Reel)
24LC128:
128 Kbit 2.5V I2C Serial EEPROM
24LC128T:
128 Kbit 2.5V I2C Serial EEPROM
(Tape and Reel)
24FC128:
128 Kbit High Speed I2C Serial
EEPROM
24FC128T: 128 Kbit High Speed I2C Serial
EEPROM (Tape and Reel)
Temperature
Range:
I= -40
C to +85C
E= -40
C to +125C
Package:
P
= Plastic DIP (300 mil body), 8-lead
SN
= Plastic SOIC (3.90 mm body),
8-lead
SM
= Plastic SOIC (5.28 mm body),
8-lead
ST
= Plastic TSSOP (4.4 mm), 8-lead
MF
= Dual, Flat, No Lead (DFN-S)
(6x5 mm body), 8-lead
MNY(1)
= TDFN (2x3x0.75 mm body), 8-lead
MS
= Plastic Micro Small Outline
(MSOP), 8-lead
CS15K(2) = Chip Scale (CS), 8-lead (I-temp,
“AA”, Tape and Reel only)
Note 1: “Y” indicates a Nickel Palladium Gold (NiPdAu) finish.
2: “15K” indicates 150K technology
Examples:
a)
24AA128-I/P:
Industrial Temp.,
1.7V, PDIP package.
b)
24AA128T-I/SN: Tape and Reel,
Industrial Temp., 1.7V, SOIC
package.
c)
24AA128-I/ST:
Industrial Temp.,
1.7V, TSSOP package.
d)
24AA128-I/MS:
Industrial Temp.,
1.7V, MSOP package.
e)
24AA128T-I/CS15K:Industrial
Temp., 1.7V, CS package, Tape and
Reel
f)
24LC128-E/P:
Extended Temp.,
2.5V, PDIP package.
g)
24LC128-I/SN:
Industrial Temp.,
2.5V, SOIC package.
h)
24LC128T-I/SN: Tape and Reel,
Industrial Temp., 2.5V, SOIC
package.
i)
24LC128-I/MS:
Industrial Temp.,
2.5V, MSOP package.
j)
24LC128T-I/MNY: Tape and Reel,
Industrial
Temp.,
2.5V,
TDFN
package.
k)
24FC128-I/P:
Industrial Temp.,
1.7V, High Speed, PDIP package.
l)
24FC128-I/SN:
Industrial Temp.,
1.7V, High Speed, SOIC package.
m) 24FC128T-I/SN: Tape and Reel,
Industrial Temp., 1.7V, High Speed,
SOIC package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com