Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

24FC128-E/SN Datasheet(PDF) 7 Page - Microchip Technology

Part # 24FC128-E/SN
Description  128K I2C??CMOS Serial EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24FC128-E/SN Datasheet(HTML) 7 Page - Microchip Technology

Back Button 24FC128-E/SN Datasheet HTML 3Page - Microchip Technology 24FC128-E/SN Datasheet HTML 4Page - Microchip Technology 24FC128-E/SN Datasheet HTML 5Page - Microchip Technology 24FC128-E/SN Datasheet HTML 6Page - Microchip Technology 24FC128-E/SN Datasheet HTML 7Page - Microchip Technology 24FC128-E/SN Datasheet HTML 8Page - Microchip Technology 24FC128-E/SN Datasheet HTML 9Page - Microchip Technology 24FC128-E/SN Datasheet HTML 10Page - Microchip Technology 24FC128-E/SN Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
 2010 Microchip Technology Inc.
DS21191S-page 7
24AA128/24LC128/24FC128
5.0
DEVICE ADDRESSING
A control byte is the first byte received following the
Start condition from the master device (Figure 5-1).
The control byte consists of a 4-bit control code. For the
24XX128, this is set as ‘1010’ binary for read and write
operations. The next three bits of the control byte are
the Chip Select bits (A2, A1, A0). The Chip Select bits
allow the use of up to eight 24XX128 devices on the
same bus and are used to select which device is
accessed. The Chip Select bits in the control byte must
correspond to the logic levels on the corresponding A2,
A1 and A0 pins for the device to respond. These bits
are, in effect, the three Most Significant bits of the word
address.
For the MSOP package, the A0 and A1 pins are not
connected. During device addressing, the A0 and A1
Chip Select bits (Figures 5-1 and 5-2) should be set to
‘0’. Only two 24XX128 MSOP packages can be
connected to the same bus.
The last bit of the control byte defines the operation to
be performed. When set to a one, a read operation is
selected. When set to a zero, a write operation is
selected. The next two bytes received define the
address of the first data byte (Figure 5-2). Because
only A13…A0 are used, the upper two address bits are
“don’t care” bits. The upper address bits are transferred
first, followed by the Less Significant bits.
Following the Start condition, the 24XX128 monitors
the SDA bus checking the device type identifier being
transmitted. Upon receiving a ‘1010’ code and
appropriate device select bits, the slave device outputs
an Acknowledge signal on the SDA line. Depending on
the state of the R/W bit, the 24XX128 will select a read
or write operation.
FIGURE 5-1:
CONTROL BYTE
FORMAT
5.1
Contiguous Addressing Across
Multiple Devices
The Chip Select bits A2, A1 and A0 can be used to
expand the contiguous address space for up to 1 Mbit
by adding up to eight 24XX128 devices on the same
bus. In this case, software can use A0 of the control
byte as address bit A14; A1 as address bit A15; and A2
as address bit A16. It is not possible to sequentially
read across device boundaries.
For the MSOP package, up to two 24XX128 devices
can be added for up to 256 Kbit of address space. In
this case, software can use A2 of the control byte as
address bit A16. Bits A0 (A14) and A1 (A15) of the
control byte must always be set to logic ‘0’ for the
MSOP.
FIGURE 5-2:
ADDRESS SEQUENCE BIT ASSIGNMENTS
10
1
0
A2
A1
A0
SACK
R/W
Control Code
Chip Select
Bits
Slave Address
Acknowledge Bit
Start Bit
Read/Write Bit
1
010
A
2
A
1
A
0 R/W
xx
A
11
A
10
A
9
A
7
A
0
A
8
••
•
•
••
A
12
Control Byte
Address High Byte
Address Low Byte
Control
Code
Chip
Select
Bits
x = “don’t care” bit
A
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com