Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F526 Datasheet(PDF) 29 Page - Microchip Technology

Part # PIC16F526
Description  14-Pin, 8-Bit Flash Microcontroller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F526 Datasheet(HTML) 29 Page - Microchip Technology

Back Button PIC16F526 Datasheet HTML 25Page - Microchip Technology PIC16F526 Datasheet HTML 26Page - Microchip Technology PIC16F526 Datasheet HTML 27Page - Microchip Technology PIC16F526 Datasheet HTML 28Page - Microchip Technology PIC16F526 Datasheet HTML 29Page - Microchip Technology PIC16F526 Datasheet HTML 30Page - Microchip Technology PIC16F526 Datasheet HTML 31Page - Microchip Technology PIC16F526 Datasheet HTML 32Page - Microchip Technology PIC16F526 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 122 page
background image
 2010 Microchip Technology Inc.
DS41326D-page 29
PIC16F526
6.4
I/O Interfacing
The equivalent circuit for an I/O port pin is shown in
Figure 6-1. All port pins, except RB3 which is input-
only, may be used for both input and output operations.
For input operations, these ports are non-latching. Any
input must be present until read by an input instruction
(e.g., MOVF PORTB, W). The outputs are latched and
remain unchanged until the output latch is rewritten. To
use a port pin as output, the corresponding direction
control bit in TRIS must be cleared (= 0). For use as an
input, the corresponding TRIS bit must be set. Any I/O
pin (except RB3) can be programmed individually as
input or output.
FIGURE 6-1:
BLOCK DIAGRAM OF RB0
AND RB1 (with Weak Pull-
up and Wake-up on
Change)
Data
Bus
Q
D
Q
CK
Q
D
Q
CK
WR
Port
TRIS ‘f’
Data
TRIS
RD Port
W
Reg
Latch
Latch
Reset
Note 1:
I/O pins have protection diodes to VDD and
VSS.
D
CK
Q
Pin Change
RBPU
GPPU
ADC pin Ebl
COMP pin Ebl
ADC
COMP
I/O Pin(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com