Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F526 Datasheet(PDF) 17 Page - Microchip Technology

Part # PIC16F526
Description  14-Pin, 8-Bit Flash Microcontroller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F526 Datasheet(HTML) 17 Page - Microchip Technology

Back Button PIC16F526 Datasheet HTML 13Page - Microchip Technology PIC16F526 Datasheet HTML 14Page - Microchip Technology PIC16F526 Datasheet HTML 15Page - Microchip Technology PIC16F526 Datasheet HTML 16Page - Microchip Technology PIC16F526 Datasheet HTML 17Page - Microchip Technology PIC16F526 Datasheet HTML 18Page - Microchip Technology PIC16F526 Datasheet HTML 19Page - Microchip Technology PIC16F526 Datasheet HTML 20Page - Microchip Technology PIC16F526 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 122 page
background image
 2010 Microchip Technology Inc.
DS41326D-page 17
PIC16F526
TABLE 4-1:
SPECIAL FUNCTION REGISTER (SFR) SUMMARY
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-on
Reset
Page #
N/A
TRIS
—
—
I/O Control Register (PORTB, PORTC)
--11 1111
27
N/A
OPTION
Contains control bits to configure Timer0 and Timer0/WDT prescaler
1111 1111
19
00h
INDF
Uses contents of FSR to Address Data Memory (not a physical register)
xxxx xxxx
22
01h/41h
TMR0
Timer0 Module Register
xxxx xxxx
37
02h(1)
PCL
Low order 8 bits of PC
1111 1111
21
03h
STATUS
RBWUF
CWUF
PA0
TO
PD
ZDC
C
0001 1xxx
18
04h
FSR
Indirect Data Memory Address Pointer
100x xxxx
22
05h/45h
OSCCAL
CAL6
CAL5
CAL4
CAL3
CAL2
CAL1
CAL0
—
1111 111-
20
06h/46h
PORTB
—
—
RB5
RB4
RB3
RB2
RB1
RB0
--xx xxxx
27
07h
PORTC
—
—
RC5
RC4
RC3
RC2
RC1
RC0
--xx xxxx
28
08h
CM1CON0
C1OUT
C1OUTEN
C1POL
C1T0CS
C1ON
C1NREF
C1PREF
C1WU
q111 1111
63
09h
ADCON0
ANS1
ANS0
ADCS1
ADCS0
CHS1
CHS0
GO/DONE
ADON
1111 1100
61
0Ah
ADRES
ADC Conversion Result
xxxx xxxx
62
0Bh
CM2CON0
C2OUT
C2OUTEN
C2POL
C2PREF2
C2ON
C2NREF
C2PREF1
C2WU
q111 1111
64
0Ch
VRCON
VREN
VROE
VRR
—
VR3
VR2
VR1
VR0
001- 1111
69
21h/61h
EECON
—
—
—
FREE
WRERR
WREN
WR
RD
---0 x000
23
25h/65h
EEDATA
SELF READ/WRITE DATA
xxxx xxxx
23
26h/66h
EEADR
—
—
SELF READ/WRITE ADDRESS
--xx xxxx
23
Legend:
x = unknown, u = unchanged, – = unimplemented, read as '0' (if applicable), q = value depends on condition.
Shaded cells = unimplemented or unused
Note 1:
The upper byte of the Program Counter is not directly accessible. See Section 4.6 “Program Counter” for an explanation of how to
access these bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com