| Electronic Components Datasheet Search |
|
PIC12F1822-E/ML Datasheet(PDF) 34 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F1822-E/ML Datasheet(HTML) 34 Page - Microchip Technology |
|
34 / 398 page ![]() PIC12F/LF1822/16F/LF1823 DS41413A-page 34 Preliminary 2010 Microchip Technology Inc. Bank 3 180h(1) INDF0 Addressing this location uses contents of FSR0H/FSR0L to address data memory (not a physical register) xxxx xxxx xxxx xxxx 181h(1) INDF1 Addressing this location uses contents of FSR1H/FSR1L to address data memory (not a physical register) xxxx xxxx xxxx xxxx 182h(1) PCL Program Counter (PC) Least Significant Byte 0000 0000 0000 0000 183h(1) STATUS — — —TO PD ZDC C ---1 1000 ---q quuu 184h(1) FSR0L Indirect Data Memory Address 0 Low Pointer 0000 0000 uuuu uuuu 185h(1) FSR0H Indirect Data Memory Address 0 High Pointer 0000 0000 0000 0000 186h(1) FSR1L Indirect Data Memory Address 1 Low Pointer 0000 0000 uuuu uuuu 187h(1) FSR1H Indirect Data Memory Address 1 High Pointer 0000 0000 0000 0000 188h(1) BSR — — — BSR<4:0> ---0 0000 ---0 0000 189h(1) WREG Working Register 0000 0000 uuuu uuuu 18Ah(1) PCLATH — Write Buffer for the upper 7 bits of the Program Counter -000 0000 -000 0000 18Bh(1) INTCON GIE PEIE TMR0IE INTE IOCIE TMR0IF INTF IOCIF 0000 000x 0000 000u 18Ch ANSELA — — — ANSA4 — ANSA2 ANSA1 ANSA0 ---1 -111 ---1 -111 18Dh — Unimplemented — — 18Eh ANSELC(2) — — — — ANSC3 ANSC2 ANSC1 ANSC0 ---- 1111 ---- 1111 18Fh — Unimplemented — — 190h — Unimplemented — — 191h EEADRL EEPROM / Program Memory Address Register Low Byte 0000 0000 0000 0000 192h EEADRH — EEPROM / Program Memory Address Register High Byte -000 0000 -000 0000 193h EEDATL EEPROM / Program Memory Read Data Register Low Byte xxxx xxxx uuuu uuuu 194h EEDATH — — EEPROM / Program Memory Read Data Register High Byte --xx xxxx --uu uuuu 195h EECON1 EEPGD CFGS LWLO FREE WRERR WREN WR RD 0000 x000 0000 q000 196h EECON2 EEPROM control register 2 0000 0000 0000 0000 197h — Unimplemented — — 198h — Unimplemented — — 199h RCREG USART Receive Data Register 0000 0000 0000 0000 19Ah TXREG USART Transmit Data Register 0000 0000 0000 0000 19Bh SPBRGL Baud Rate Generator Data Register Low 0000 0000 0000 0000 19Ch SPBRGH Baud Rate Generator Data Register High 0000 0000 0000 0000 19Dh RCSTA SPEN RX9 SREN CREN ADDEN FERR OERR RX9D 0000 000x 0000 000x 19Eh TXSTA CSRC TX9 TXEN SYNC SENDB BRGH TRMT TX9D 0000 0010 0000 0010 19Fh BAUDCON ABDOVF RCIDL — SCKP BRG16 —WUE ABDEN 01-0 0-00 01-0 0-00 TABLE 3-8: SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on: POR, BOR Value on all other resets Legend: x = unknown, u = unchanged, q = value depends on condition, - = unimplemented, r = reserved. Shaded locations are unimplemented, read as ‘0’. Note 1: These registers can be addressed from any bank. 2: PIC16F/LF1823 only. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |