Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F1822-E/ML Datasheet(PDF) 38 Page - Microchip Technology

Part # PIC12F1822-E/ML
Description  8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1822-E/ML Datasheet(HTML) 38 Page - Microchip Technology

Back Button PIC12F1822-E/ML Datasheet HTML 34Page - Microchip Technology PIC12F1822-E/ML Datasheet HTML 35Page - Microchip Technology PIC12F1822-E/ML Datasheet HTML 36Page - Microchip Technology PIC12F1822-E/ML Datasheet HTML 37Page - Microchip Technology PIC12F1822-E/ML Datasheet HTML 38Page - Microchip Technology PIC12F1822-E/ML Datasheet HTML 39Page - Microchip Technology PIC12F1822-E/ML Datasheet HTML 40Page - Microchip Technology PIC12F1822-E/ML Datasheet HTML 41Page - Microchip Technology PIC12F1822-E/ML Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 398 page
background image
PIC12F/LF1822/16F/LF1823
DS41413A-page 38
Preliminary
 2010 Microchip Technology Inc.
Bank 7
380h(1)
INDF0
Addressing this location uses contents of FSR0H/FSR0L to address data memory
(not a physical register)
xxxx xxxx xxxx xxxx
381h(1)
INDF1
Addressing this location uses contents of FSR1H/FSR1L to address data memory
(not a physical register)
xxxx xxxx xxxx xxxx
382h(1)
PCL
Program Counter (PC) Least Significant Byte
0000 0000 0000 0000
383h(1)
STATUS
—
—
—TO
PD
ZDC
C
---1 1000 ---q quuu
384h(1)
FSR0L
Indirect Data Memory Address 0 Low Pointer
0000 0000 uuuu uuuu
385h(1)
FSR0H
Indirect Data Memory Address 0 High Pointer
0000 0000 0000 0000
386h(1)
FSR1L
Indirect Data Memory Address 1 Low Pointer
0000 0000 uuuu uuuu
387h(1)
FSR1H
Indirect Data Memory Address 1 High Pointer
0000 0000 0000 0000
388h(1)
BSR
—
—
—
BSR<4:0>
---0 0000 ---0 0000
389h(1)
WREG
Working Register
0000 0000 uuuu uuuu
38Ah(1)
PCLATH
—
Write Buffer for the upper 7 bits of the Program Counter
-000 0000 -000 0000
38Bh(1)
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
0000 000x 0000 000u
38Ch
—
Unimplemented
—
—
38Dh
—
Unimplemented
—
—
38Eh
—
Unimplemented
—
—
38Fh
—
Unimplemented
—
—
390h
—
Unimplemented
—
—
391h
IOCAP
—
—
IOCAP5
IOCAP4
IOCAP3
IOCAP2
IOCAP1
IOCAP0
--00 0000 --00 0000
392h
IOCAN
—
—
IOCAN5
IOCAN4
IOCAN3
IOCAN2
IOCAN1
IOCAN0
--00 0000 --00 0000
393h
IOCAF
—
—
IOCAF5
IOCAF4
IOCAF3
IOCAF2
IOCAF1
IOCAF0
--00 0000 --00 0000
394h
—
Unimplemented
—
—
395h
—
Unimplemented
—
—
396h
—
Unimplemented
—
—
397h
—
Unimplemented
—
—
398h
—
Unimplemented
—
—
399h
—
Unimplemented
—
—
39Ah
CLKRCON
CLKREN
CLKROE
CLKRSLR
CLKRDC<1:0>
CLKRDIV<2:0>
0011 0000 0011 0000
39Bh
—
Unimplemented
—
—
39Ch
MDCON
MDEN
MDOE
MDSLR
MDOPOL
MDOUT
—
—
MDBIT
0010 ---0 0010 ---0
39Dh
MDSRC
MDMSODIS
—
—
—
MDMS<3:0>
x--- xxxx u--- uuuu
39Eh
MDCARL
MDCLODIS
MDCLPOL MDCLSYNC
—
MDCL<3:0>
xxx- xxxx uuu- uuuu
39Fh
MDCARH
MDCHODIS MDCHPOL MDCHSYNC
—
MDCH<3:0>
xxx- xxxx uuu- uuuu
TABLE 3-8:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on all
other
resets
Legend:
x = unknown, u = unchanged, q = value depends on condition, - = unimplemented, r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note
1: These registers can be addressed from any bank.
2: PIC16F/LF1823 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com