Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F1822-E/ML Datasheet(PDF) 120 Page - Microchip Technology

Part # PIC12F1822-E/ML
Description  8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1822-E/ML Datasheet(HTML) 120 Page - Microchip Technology

Back Button PIC12F1822-E/ML Datasheet HTML 116Page - Microchip Technology PIC12F1822-E/ML Datasheet HTML 117Page - Microchip Technology PIC12F1822-E/ML Datasheet HTML 118Page - Microchip Technology PIC12F1822-E/ML Datasheet HTML 119Page - Microchip Technology PIC12F1822-E/ML Datasheet HTML 120Page - Microchip Technology PIC12F1822-E/ML Datasheet HTML 121Page - Microchip Technology PIC12F1822-E/ML Datasheet HTML 122Page - Microchip Technology PIC12F1822-E/ML Datasheet HTML 123Page - Microchip Technology PIC12F1822-E/ML Datasheet HTML 124Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 398 page
background image
PIC12F/LF1822/16F/LF1823
DS41413A-page 120
Preliminary
 2010 Microchip Technology Inc.
12.2.2
PORTA FUNCTIONS AND OUTPUT
PRIORITIES
Each PORTA pin is multiplexed with other functions. The
pins, their combined functions and their output priorities
are briefly described here. For additional information,
refer to the appropriate section in this data sheet.
When multiple outputs are enabled, the actual pin
control goes to the peripheral with the lowest number in
the following lists.
Analog input functions, such as ADC, comparator and
CapSense inputs, are not shown in the priority lists.
These inputs are active when the I/O pin is set for
Analog mode using the ANSELx registers. Digital
output functions may control the pin when it is in Analog
mode with the priority shown below.
RA0
1.
ICSPDAT
2.
ICDDAT
3.
DACOUT (DAC)
4.
MDOUT (PIC12F/LF1822 only)
5.
TX/CK (EUSART)
6.
SDO (PIC12F/LF1822 only)
7.
P1B (PIC12F/LF1822 only)
RA1
1.
ICSPCLK
2.
ICDCLK
3.
SCL (PIC12F/LF1822 only)
4.
RX/DT (EUSART)
5.
SCK (PIC12F/LF1822 only)
RA2
1.
SRQ
2.
C1OUT (Comparator)
3.
SDA (PIC12F/LF1822 only)
4.
CCP1/P1A (PIC12F/LF1822 only)
RA3
No output priorities. Input only pin.
RA4
1.
OSC2
2.
CLKOUT
3.
T1OSO
4.
CLKR
5.
TX/CK (PIC12F/LF1822 only)
6.
SDO
7.
P1B (PIC12F/LF1822 only)
RA5
1.
OSC1
2.
T1OSI (Timer1 Oscillator)
3.
SRNQ (PIC12F/LF1822 only)
4.
RX/DT (PIC12F/LF1822 only)
5.
CCP1/P1A (PIC12F/LF1822 only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com