Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F1822-I/SS Datasheet(PDF) 22 Page - Microchip Technology

Part # PIC12F1822-I/SS
Description  8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1822-I/SS Datasheet(HTML) 22 Page - Microchip Technology

Back Button PIC12F1822-I/SS Datasheet HTML 18Page - Microchip Technology PIC12F1822-I/SS Datasheet HTML 19Page - Microchip Technology PIC12F1822-I/SS Datasheet HTML 20Page - Microchip Technology PIC12F1822-I/SS Datasheet HTML 21Page - Microchip Technology PIC12F1822-I/SS Datasheet HTML 22Page - Microchip Technology PIC12F1822-I/SS Datasheet HTML 23Page - Microchip Technology PIC12F1822-I/SS Datasheet HTML 24Page - Microchip Technology PIC12F1822-I/SS Datasheet HTML 25Page - Microchip Technology PIC12F1822-I/SS Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 398 page
background image
PIC12F/LF1822/16F/LF1823
DS41413A-page 22
Preliminary
 2010 Microchip Technology Inc.
FIGURE 3-1:
PROGRAM MEMORY MAP
AND STACK FOR
PIC12F/LF1822/16F/LF1823
3.1.1
READING PROGRAM MEMORY AS
DATA
There are two methods of accessing constants in pro-
gram memory. The first method is to use tables of
RETLW instructions. The second method is to set an
FSR to point to the program memory.
3.1.1.1
RETLW Instruction
The RETLW instruction can be used to provide access
to tables of constants. The recommended way to create
such a table is shown in Example 3-1.
EXAMPLE 3-1:
RETLW INSTRUCTION
The BRW instruction makes this type of table very sim-
ple to implement. If your code must remain portable
with previous generations of microcontrollers, then the
BRW instruction is not available so the older table read
method must be used.
PC<14:0>
15
0000h
0004h
Stack Level 0
Stack Level 15
Reset Vector
Interrupt Vector
Stack Level 1
0005h
On-chip
Program
Memory
Page 0
07FFh
Wraps to Page 0
Wraps to Page 0
Wraps to Page 0
0800h
CALL, CALLW
RETURN, RETLW
Interrupt, RETFIE
Rollover to Page 0
Rollover to Page 0
7FFFh
constants
brw
;Add Index in W to
;program counter to
;select data
retlw DATA0
;Index0 data
retlw DATA1
;Index1 data
retlw DATA2
retlw DATA3
my_function
;… LOTS OF CODE…
movlw
DATA_INDEX
call constants
;… THE CONSTANT IS IN W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com