Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F1822-I/SS Datasheet(PDF) 33 Page - Microchip Technology

Part # PIC12F1822-I/SS
Description  8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1822-I/SS Datasheet(HTML) 33 Page - Microchip Technology

Back Button PIC12F1822-I/SS Datasheet HTML 29Page - Microchip Technology PIC12F1822-I/SS Datasheet HTML 30Page - Microchip Technology PIC12F1822-I/SS Datasheet HTML 31Page - Microchip Technology PIC12F1822-I/SS Datasheet HTML 32Page - Microchip Technology PIC12F1822-I/SS Datasheet HTML 33Page - Microchip Technology PIC12F1822-I/SS Datasheet HTML 34Page - Microchip Technology PIC12F1822-I/SS Datasheet HTML 35Page - Microchip Technology PIC12F1822-I/SS Datasheet HTML 36Page - Microchip Technology PIC12F1822-I/SS Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 398 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41413A-page 33
PIC12F/LF1822/16F/LF1823
Bank 2
100h(1)
INDF0
Addressing this location uses contents of FSR0H/FSR0L to address data memory
(not a physical register)
xxxx xxxx xxxx xxxx
101h(1)
INDF1
Addressing this location uses contents of FSR1H/FSR1L to address data memory
(not a physical register)
xxxx xxxx xxxx xxxx
102h(1)
PCL
Program Counter (PC) Least Significant Byte
0000 0000 0000 0000
103h(1)
STATUS
—
—
—TO
PD
ZDC
C
---1 1000 ---q quuu
104h(1)
FSR0L
Indirect Data Memory Address 0 Low Pointer
0000 0000 uuuu uuuu
105h(1)
FSR0H
Indirect Data Memory Address 0 High Pointer
0000 0000 0000 0000
106h(1)
FSR1L
Indirect Data Memory Address 1 Low Pointer
0000 0000 uuuu uuuu
107h(1)
FSR1H
Indirect Data Memory Address 1 High Pointer
0000 0000 0000 0000
108h(1)
BSR
—
—
—
BSR<4:0>
---0 0000 ---0 0000
109h(1)
WREG
Working Register
0000 0000 uuuu uuuu
10Ah(1)
PCLATH
—
Write Buffer for the upper 7 bits of the Program Counter
-000 0000 -000 0000
10Bh(1)
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
0000 000x 0000 000u
10Ch
LATA
—
—LATA5
LATA4
—LATA2
LATA1
LATA0
--xx -xxx --uu -uuu
10Dh
—
Unimplemented
—
—
10Eh
LATC(2)
—
—
LATC5
LATC4
LATC3
LATC2
LATC1
LATC0
--xx xxxx --uu uuuu
10Fh
—
Unimplemented
—
—
110h
—
Unimplemented
—
—
111h
CM1CON0
C1ON
C1OUT
C1OE
C1POL
—
C1SP
C1HYS
C1SYNC 0000 -100 0000 -100
112h
CM1CON1
C1INTP
C1INTN
C1PCH<1:0>
—
—
C1NCH1(2) C1NCH0
0000 ---0 0000 ---0
113h
CM2CON0(2)
C2ON
C2OUT
C2OE
C2POL
—
C2SP
C2HYS
C2SYNC 0000 -100 0000 -100
114h
CM2CON1(2)
C2INTP
C2INTN
C2PCH<1:0>
—
—
C2NCH<1:0>
0000 --00 0000 --00
115h
CMOUT
—
—
—
—
—
—MC2OUT(2) MC1OUT ---- --00 ---- --00
116h
BORCON
SBOREN
—
—
—
—
—
—
BORRDY 1--- ---q u--- ---u
117h
FVRCON
FVREN
FVRRDY
Reserved
Reserved
CDAFVR<1:0>
ADFVR<1:0>
0qrr 0000 0qrr 0000
118h
DACCON0
DACEN
DACLPS
DACOE
---
DACPSS<1:0>
---
---
000- 00-- 000- 00--
119h
DACCON1
---
---
---
DACR<4:0>
---0 0000 ---0 0000
11Ah
SRCON0
SRLEN
SRCLK<2:0>
SRQEN
SRNQEN
SRPS
SRPR
0000 0000 0000 0000
11Bh
SRCON1
SRSPE
SRSCKE
SRSC2E(2)
SRSC1E
SRRPE
SRRCKE
SRRC2E
(2)
SRRC1E 0000 0000 0000 0000
11Ch
—
Unimplemented
—
—
11Dh
APFCON
RXDTSEL
SDOSEL
SSSEL
---
T1GSEL
TXCKSEL
P1BSEL
CCP1SEL 000- 0000 000- 0000
11Eh
—
Unimplemented
—
—
11Fh
—
Unimplemented
—
—
TABLE 3-8:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on all
other
resets
Legend:
x = unknown, u = unchanged, q = value depends on condition, - = unimplemented, r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note
1: These registers can be addressed from any bank.
2: PIC16F/LF1823 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com