| Electronic Components Datasheet Search |
|
PIC16F707-E/P Datasheet(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F707-E/P Datasheet(HTML) 14 Page - Microchip Technology |
|
14 / 284 page ![]() PIC16F707/PIC16LF707 DS41418A-page 14 Preliminary 2010 Microchip Technology Inc. RB2/AN8/CPSB10 RB2 TTL CMOS General purpose I/O. Individually controlled interrupt-on-change. Individually enabled pull-up. AN8 AN — A/D Channel 8 input. CPSB10 AN — Capacitive sensing B input 10. RB3/AN9/CPSB11/CCP2 RB3 TTL CMOS General purpose I/O. Individually controlled interrupt-on-change. Individually enabled pull-up. AN9 AN — A/D Channel 9 input. CPSB11 AN — Capacitive sensing B input 11. CCP2 ST CMOS Capture/Compare/PWM2. RB4/AN11/CPSB12 RB4 TTL CMOS General purpose I/O. Individually controlled interrupt-on-change. Individually enabled pull-up. AN11 AN — A/D Channel 11 input. CPSB12 AN — Capacitive sensing B input 12. RB5/AN13/CPSB13/T1G/T3CKI RB5 TTL CMOS General purpose I/O. Individually controlled interrupt-on-change. Individually enabled pull-up. AN13 AN — A/D Channel 13 input. CPSB13 AN — Capacitive sensing B input 13. T1G ST — Timer1 gate input. T3CKI ST — Timer3 clock input. RB6/ICSPCLK/ICDCLK/CPSB14 RB6 TTL CMOS General purpose I/O. Individually controlled interrupt-on-change. Individually enabled pull-up. ICSPCLK ST — Serial Programming Clock. ICDCLK ST — In-Circuit Debug Clock. CPSB14 AN — Capacitive sensing B input 14. RB7/ICSPDAT/ICDDAT/CPSB15 RB7 TTL CMOS General purpose I/O. Individually controlled interrupt-on-change. Individually enabled pull-up. ICSPDAT ST CMOS ICSP™ Data I/O. ICDDAT ST — In-Circuit Data I/O. CPSB15 AN — Capacitive sensing B input 15. RC0/T1OSO/T1CKI/CPSB2 RC0 ST CMOS General purpose I/O. T1OSO XTAL XTAL Timer1 oscillator connection. T1CKI ST — Timer1 clock input. CPSB2 AN — Capacitive sensing B input 2. RC1/T1OSI/CCP2/CPSB3 RC1 ST CMOS General purpose I/O. T1OSI XTAL XTAL Timer1 oscillator connection. CCP2 ST CMOS Capture/Compare/PWM2. CPSB3 AN — Capacitive sensing B input 3. RC2/CCP1/CPSB4/TBCKI RC2 ST CMOS General purpose I/O. CCP1 ST CMOS Capture/Compare/PWM1. CPSB4 AN — Capacitive sensing B input 4. TBCKI ST — TimerB clock input. RC3/SCK/SCL RC3 ST CMOS General purpose I/O. SCK ST CMOS SPI clock. SCL I2C™ OD I2C™ clock. TABLE 1-1: PIC16F707/PIC16LF707 PINOUT DESCRIPTION (CONTINUED) Name Function Input Type Output Type Description Legend: AN = Analog input or output CMOS = CMOS compatible input or output OD = Open Drain TTL = TTL compatible input ST = Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C HV = High Voltage XTAL = Crystal levels |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |