| Electronic Components Datasheet Search |
|
PIC16F1826-E/ML Datasheet(PDF) 165 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1826-E/ML Datasheet(HTML) 165 Page - Microchip Technology |
|
165 / 406 page ![]() 2010 Microchip Technology Inc. Preliminary DS41391C-page 165 PIC16F/LF1826/27 18.0 COMPARATOR MODULE Comparators are used to interface analog circuits to a digital circuit by comparing two analog voltages and providing a digital indication of their relative magnitudes. Comparators are very useful mixed signal building blocks because they provide analog functionality independent of program execution. The analog comparator module includes the following features: • Independent comparator control • Programmable input selection • Comparator output is available internally/externally • Programmable output polarity • Interrupt-on-change • Wake-up from Sleep • Programmable Speed/Power optimization •PWM shutdown • Programmable and fixed voltage reference 18.1 Comparator Overview A single comparator is shown in Figure 18-1 along with the relationship between the analog input levels and the digital output. When the analog voltage at VIN+ is less than the analog voltage at VIN-, the output of the comparator is a digital low level. When the analog voltage at VIN+ is greater than the analog voltage at VIN-, the output of the comparator is a digital high level. FIGURE 18-1: SINGLE COMPARATOR – + VIN+ VIN- Output Output VIN+ VIN- Note: The black areas of the output of the comparator represents the uncertainty due to input offsets and response time. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |