Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F676-I/ST Datasheet(PDF) 28 Page - Microchip Technology

Part # PIC16F676-I/ST
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F676-I/ST Datasheet(HTML) 28 Page - Microchip Technology

Back Button PIC16F676-I/ST Datasheet HTML 24Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 25Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 26Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 27Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 28Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 29Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 30Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 31Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 132 page
background image
PIC16F630/676
DS40039F-page 28
 2010 Microchip Technology Inc.
3.3
PORTC
PORTC is a general purpose I/O port consisting of 6
bidirectional pins. The pins can be configured for either
digital I/O or analog input to A/D converter. For specific
information about individual functions such as the
comparator or the A/D, refer to the appropriate section
in this Data Sheet.
EXAMPLE 3-2:
INITIALIZING PORTC
3.3.1
RC0/AN4, RC1/AN5, RC2/AN6, RC3/
AN7
The RC0/RC1/RC2/RC3 pins are configurable to
function as one of the following:
• a general purpose I/O
• an analog input for the A/D Converter
(PIC16F676 only)
FIGURE 3-6:
BLOCK DIAGRAM OF
RC0/RC1/RC2/RC3 PINs
3.3.2
RC4 AND RC5
The RC4 and RC5 pins are configurable to function as
a general purpose I/Os.
FIGURE 3-7:
BLOCK DIAGRAM OF RC4
AND RC5 PINS
Note:
The ANSEL register (91h) must be clear to
configure an analog channel as a digital
input. Pins configured as analog inputs will
read ‘0’. The ANSEL register is defined for
the PIC16F676.
BCF
STATUS,RP0
;Bank 0
CLRF
PORTC
;Init PORTC
BSF
STATUS,RP0
;Bank 1
CLRF
ANSEL
;digital I/O
MOVLW
0Ch
;Set RC<3:2> as inputs
MOVWF
TRISC
;and set RC<5:4,1:0>
;as outputs
BCF
STATUS,RP0
;Bank 0
I/O Pin
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
Data bus
WR
PORTC
WR
TRISC
RD
TRISC
To A/D Converter
RD
PORTC
Analog Input
Mode
I/O Pin
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
Data bus
WR
PORTC
WR
TRISC
RD
TRISC
RD
PORTC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com