Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F676-I/ST Datasheet(PDF) 7 Page - Microchip Technology

Part # PIC16F676-I/ST
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F676-I/ST Datasheet(HTML) 7 Page - Microchip Technology

Back Button PIC16F676-I/ST Datasheet HTML 3Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 4Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 5Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 6Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 7Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 8Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 9Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 10Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 132 page
background image
 2010 Microchip Technology Inc.
DS40039F-page 7
PIC16F630/676
1.0
DEVICE OVERVIEW
This document contains device specific information for
the PIC16F630/676. Additional information may be
found in the PIC® Mid-Range Reference Manual
(DS33023), which may be obtained from your local
Microchip Sales Representative or downloaded from
the Microchip web site. The Reference Manual should
be considered a complementary document to this Data
Sheet and is highly recommended reading for a better
understanding of the device architecture and operation
of the peripheral modules.
The PIC16F630 and PIC16F676 devices are covered
by this Data Sheet. They are identical, except the
PIC16F676 has a 10-bit A/D converter. They come in
14-pin PDIP, SOIC and TSSOP packages. Figure 1-1
shows a block diagram of the PIC16F630/676 devices.
Table 1-1 shows the pinout description.
FIGURE 1-1:
PIC16F630/676 BLOCK DIAGRAM
Flash
Program
Memory
13
Data Bus
8
14
Program
Bus
Instruction Reg
Program Counter
RAM
File
Registers
Direct Addr
7
RAM Addr
9
Addr MUX
Indirect
Addr
FSR Reg
STATUS Reg
MUX
ALU
W Reg
Instruction
Decode and
Control
Timing
Generation
OSC1/CLKIN
OSC2/CLKOUT
PORTA
8
8
8
3
8-Level Stack
64
1K x 14
bytes
(13-bit)
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
MCLR
VSS
Brown-out
Detect
Analog
Timer0
Timer1
DATA
EEPROM
128 bytes
EEDATA
EEADDR
RA0
RA1
RA2
RA3
RA4
RA5
Comparator
Analog to Digital Converter
(PIC16F676 only)
AN0 AN1 AN2 AN3
CIN- CIN+ COUT
T0CKI
INT
T1CKI
Configuration
Internal
Oscillator
VREF
and reference
T1G
PORTC
RC0
RC1
RC2
RC3
RC4
RC5
AN4 AN5 AN6 AN7
VDD
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com