Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F13K50-E/SS Datasheet(PDF) 89 Page - Microchip Technology

Part # PIC18F13K50-E/SS
Description  20-Pin USB Flash Microcontrollers with nanoWatt XLP Technology
PDF  422 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F13K50-E/SS Datasheet(HTML) 89 Page - Microchip Technology

Back Button PIC18F13K50-E/SS Datasheet HTML 85Page - Microchip Technology PIC18F13K50-E/SS Datasheet HTML 86Page - Microchip Technology PIC18F13K50-E/SS Datasheet HTML 87Page - Microchip Technology PIC18F13K50-E/SS Datasheet HTML 88Page - Microchip Technology PIC18F13K50-E/SS Datasheet HTML 89Page - Microchip Technology PIC18F13K50-E/SS Datasheet HTML 90Page - Microchip Technology PIC18F13K50-E/SS Datasheet HTML 91Page - Microchip Technology PIC18F13K50-E/SS Datasheet HTML 92Page - Microchip Technology PIC18F13K50-E/SS Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 422 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41350D-page 89
PIC18F/LF1XK50
9.2
PORTB, TRISB and LATB
Registers
PORTB is an 4-bit wide, bidirectional port. The corre-
sponding data direction register is TRISB. Setting a
TRISB bit (= 1) will make the corresponding PORTB
pin an input (i.e., disable the output driver). Clearing a
TRISB bit (= 0) will make the corresponding PORTB
pin an output (i.e., enable the output driver and put the
contents of the output latch on the selected pin).
The PORTB Data Latch register (LATB) is also memory
mapped. Read-modify-write operations on the LATB
register read and write the latched output value for
PORTB.
EXAMPLE 9-2:
INITIALIZING PORTB
All PORTB pins are individually configurable as
interrupt-on-change pins. Control bits in the IOCB reg-
ister enable (when set) or disable (when clear) the
interrupt function for each pin.
When set, the RABIE bit of the INTCON register
enables interrupts on all pins which also have their
corresponding IOCB bit set. When clear, the RABIE
bit disables all interrupt-on-changes.
Only pins configured as inputs can cause this interrupt
to occur (i.e., any pin configured as an output is
excluded from the interrupt-on-change comparison).
For enabled interrupt-on-change pins, the values are
compared with the old value latched on the last read of
PORTB. The ‘mismatch’ outputs of the last read are
OR’d together to set the PORTB Change Interrupt flag
bit (RABIF) in the INTCON register.
This interrupt can wake the device from the Sleep
mode, or any of the Idle modes. The user, in the
Interrupt Service Routine, can clear the interrupt in the
following manner:
a)
Any read or write of PORTB to clear the mis-
match condition (except when PORTB is the
source or destination of a MOVFF instruction).
b)
Clear the flag bit, RABIF.
A mismatch condition will continue to set the RABIF flag
bit. Reading or writing PORTB will end the mismatch
condition and allow the RABIF bit to be cleared. The latch
holding the last read value is not affected by a MCLR nor
Brown-out Reset. After either one of these Resets, the
RABIF flag will continue to be set if a mismatch is present.
The interrupt-on-change feature is recommended for
wake-up on key depression operation and operations
where PORTB is only used for the interrupt-on-change
feature. Polling of PORTB is not recommended while
using the interrupt-on-change feature.
All PORTB pins have individually controlled weak inter-
nal pull-up. When set, each bit of the WPUB register
enables the corresponding pin pull-up. When cleared,
the RABPU bit of the INTCON2 register enables pull-
ups on all pins which also have their corresponding
WPUB bit set. When set, the RABPU bit disables all
weak pull-ups. The weak pull-up is automatically turned
off when the port pin is configured as an output. The
pull-ups are disabled on a Power-on Reset.
CLRF
PORTB
; Initialize PORTB by
; clearing output
; data latches
CLRF
LATB
; Alternate method
; to clear output
; data latches
MOVLW
0F0h
; Value used to
; initialize data
; direction
MOVWF
TRISB
; Set RB<7:4> as outputs
Note:
If a change on the I/O pin should occur
when the read operation is being executed
(start of the Q2 cycle), then the RABIF
interrupt flag may not get set. Furthermore,
since a read or write on a port affects all bits
of that port, care must be taken when using
multiple pins in Interrupt-on-change mode.
Changes on one pin may not be seen while
servicing changes on another pin.
Note:
On a Power-on Reset, RB<5:4> are
configured as analog inputs by default and
read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com