Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F46J53-E/SS Datasheet(PDF) 71 Page - Microchip Technology

Part # PIC18F46J53-E/SS
Description  28/44-Pin, High-Performance USB Microcontrollers with nanoWatt XLP Technology
PDF  586 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F46J53-E/SS Datasheet(HTML) 71 Page - Microchip Technology

Back Button PIC18F46J53-E/SS Datasheet HTML 67Page - Microchip Technology PIC18F46J53-E/SS Datasheet HTML 68Page - Microchip Technology PIC18F46J53-E/SS Datasheet HTML 69Page - Microchip Technology PIC18F46J53-E/SS Datasheet HTML 70Page - Microchip Technology PIC18F46J53-E/SS Datasheet HTML 71Page - Microchip Technology PIC18F46J53-E/SS Datasheet HTML 72Page - Microchip Technology PIC18F46J53-E/SS Datasheet HTML 73Page - Microchip Technology PIC18F46J53-E/SS Datasheet HTML 74Page - Microchip Technology PIC18F46J53-E/SS Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 586 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS39964B-page 71
PIC18F47J53 FAMILY
TABLE 5-2:
INITIALIZATION CONDITIONS FOR ALL REGISTERS
Register
Applicable Devices
Power-on Reset,
Brown-out Reset,
Wake From Deep
Sleep
MCLR Resets
WDT Reset
RESET Instruction
Stack Resets
CM Resets
Wake-up via WDT
or Interrupt
TOSU
PIC18F2XJ53
PIC18F4XJ53
---0 0000
---0 0000
---u uuuu(1)
TOSH
PIC18F2XJ53
PIC18F4XJ53
0000 0000
0000 0000
uuuu uuuu(1)
TOSL
PIC18F2XJ53
PIC18F4XJ53
0000 0000
0000 0000
uuuu uuuu(1)
STKPTR
PIC18F2XJ53
PIC18F4XJ53
00-0 0000
uu-0 0000
uu-u uuuu(1)
PCLATU
PIC18F2XJ53
PIC18F4XJ53
---0 0000
---0 0000
---u uuuu
PCLATH
PIC18F2XJ53
PIC18F4XJ53
0000 0000
0000 0000
uuuu uuuu
PCL
PIC18F2XJ53
PIC18F4XJ53
0000 0000
0000 0000
PC + 2(2)
TBLPTRU
PIC18F2XJ53
PIC18F4XJ53
--00 0000
--00 0000
--uu uuuu
TBLPTRH
PIC18F2XJ53
PIC18F4XJ53
0000 0000
0000 0000
uuuu uuuu
TBLPTRL
PIC18F2XJ53
PIC18F4XJ53
0000 0000
0000 0000
uuuu uuuu
TABLAT
PIC18F2XJ53
PIC18F4XJ53
0000 0000
0000 0000
uuuu uuuu
PRODH
PIC18F2XJ53
PIC18F4XJ53
xxxx xxxx
uuuu uuuu
uuuu uuuu
PRODL
PIC18F2XJ53
PIC18F4XJ53
xxxx xxxx
uuuu uuuu
uuuu uuuu
INTCON
PIC18F2XJ53
PIC18F4XJ53
0000 000x
0000 000u
uuuu uuuu(3)
INTCON2
PIC18F2XJ53
PIC18F4XJ53
1111 1111
1111 1111
uuuu uuuu(3)
INTCON3
PIC18F2XJ53
PIC18F4XJ53
1100 0000
1100 0000
uuuu uuuu(3)
INDF0
PIC18F2XJ53
PIC18F4XJ53
N/A
N/A
N/A
POSTINC0
PIC18F2XJ53
PIC18F4XJ53
N/A
N/A
N/A
POSTDEC0
PIC18F2XJ53
PIC18F4XJ53
N/A
N/A
N/A
PREINC0
PIC18F2XJ53
PIC18F4XJ53
N/A
N/A
N/A
PLUSW0
PIC18F2XJ53
PIC18F4XJ53
N/A
N/A
N/A
FSR0H
PIC18F2XJ53
PIC18F4XJ53
---- 0000
---- 0000
---- uuuu
FSR0L
PIC18F2XJ53
PIC18F4XJ53
xxxx xxxx
uuuu uuuu
uuuu uuuu
WREG
PIC18F2XJ53
PIC18F4XJ53
xxxx xxxx
uuuu uuuu
uuuu uuuu
INDF1
PIC18F2XJ53
PIC18F4XJ53
N/A
N/A
N/A
POSTINC1
PIC18F2XJ53
PIC18F4XJ53
N/A
N/A
N/A
POSTDEC1
PIC18F2XJ53
PIC18F4XJ53
N/A
N/A
N/A
PREINC1
PIC18F2XJ53
PIC18F4XJ53
N/A
N/A
N/A
PLUSW1
PIC18F2XJ53
PIC18F4XJ53
N/A
N/A
N/A
FSR1H
PIC18F2XJ53
PIC18F4XJ53
---- 0000
---- 0000
---- uuuu
FSR1L
PIC18F2XJ53
PIC18F4XJ53
xxxx xxxx
uuuu uuuu
uuuu uuuu
BSR
PIC18F2XJ53
PIC18F4XJ53
---- 0000
---- 0000
---- uuuu
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Note 1: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
2: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3: One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
4: See Table 5-1 for Reset value for specific condition.
5: Not implemented for PIC18F2XJ53 devices.
6: Not implemented for “LF” devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com