Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F46J53-E/SS Datasheet(PDF) 78 Page - Microchip Technology

Part # PIC18F46J53-E/SS
Description  28/44-Pin, High-Performance USB Microcontrollers with nanoWatt XLP Technology
PDF  586 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F46J53-E/SS Datasheet(HTML) 78 Page - Microchip Technology

Back Button PIC18F46J53-E/SS Datasheet HTML 74Page - Microchip Technology PIC18F46J53-E/SS Datasheet HTML 75Page - Microchip Technology PIC18F46J53-E/SS Datasheet HTML 76Page - Microchip Technology PIC18F46J53-E/SS Datasheet HTML 77Page - Microchip Technology PIC18F46J53-E/SS Datasheet HTML 78Page - Microchip Technology PIC18F46J53-E/SS Datasheet HTML 79Page - Microchip Technology PIC18F46J53-E/SS Datasheet HTML 80Page - Microchip Technology PIC18F46J53-E/SS Datasheet HTML 81Page - Microchip Technology PIC18F46J53-E/SS Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 586 page
background image
PIC18F47J53 FAMILY
DS39964B-page 78
Preliminary
 2010 Microchip Technology Inc.
TMR8
PIC18F2XJ53
PIC18F4XJ53
0000 0000
—
—
PR8
PIC18F2XJ53
PIC18F4XJ53
1111 1111
—
—
T8CON
PIC18F2XJ53
PIC18F4XJ53
-000 0000
—
—
PSTR3CON
PIC18F2XJ53
PIC18F4XJ53
00-0 0001
—
—
ECCP3AS
PIC18F2XJ53
PIC18F4XJ53
0000 0000
—
—
ECCP3DEL
PIC18F2XJ53
PIC18F4XJ53
0000 0000
—
—
CCPR3H
PIC18F2XJ53
PIC18F4XJ53
xxxx xxxx
—
—
CCPR3L
PIC18F2XJ53
PIC18F4XJ53
xxxx xxxx
—
—
CCP3CON
PIC18F2XJ53
PIC18F4XJ53
0000 0000
—
—
CCPR4H
PIC18F2XJ53
PIC18F4XJ53
xxxx xxxx
—
—
CCPR4L
PIC18F2XJ53
PIC18F4XJ53
xxxx xxxx
—
—
CCP4CON
PIC18F2XJ53
PIC18F4XJ53
--00 0000
—
—
CCPR5H
PIC18F2XJ53
PIC18F4XJ53
xxxx xxxx
—
—
CCPR5L
PIC18F2XJ53
PIC18F4XJ53
xxxx xxxx
—
—
CCP5CON
PIC18F2XJ53
PIC18F4XJ53
--00 0000
—
—
CCPR6H
PIC18F2XJ53
PIC18F4XJ53
xxxx xxxx
—
—
CCPR6L
PIC18F2XJ53
PIC18F4XJ53
xxxx xxxx
—
—
CCP6CON
PIC18F2XJ53
PIC18F4XJ53
--00 0000
—
—
CCPR7H
PIC18F2XJ53
PIC18F4XJ53
xxxx xxxx
—
—
CCPR7L
PIC18F2XJ53
PIC18F4XJ53
xxxx xxxx
—
—
CCP7CON
PIC18F2XJ53
PIC18F4XJ53
--00 0000
—
—
CCPR8H
PIC18F2XJ53
PIC18F4XJ53
xxxx xxxx
—
—
CCPR8L
PIC18F2XJ53
PIC18F4XJ53
xxxx xxxx
—
—
CCP8CON
PIC18F2XJ53
PIC18F4XJ53
--00 0000
—
—
CCPR9H
PIC18F2XJ53
PIC18F4XJ53
xxxx xxxx
—
—
CCPR9L
PIC18F2XJ53
PIC18F4XJ53
xxxx xxxx
—
—
CCP9CON
PIC18F2XJ53
PIC18F4XJ53
--00 0000
—
—
CCPR10H
PIC18F2XJ53
PIC18F4XJ53
xxxx xxxx
—
—
CCPR10L
PIC18F2XJ53
PIC18F4XJ53
xxxx xxxx
—
—
CCP10CON
PIC18F2XJ53
PIC18F4XJ53
--00 0000
—
—
RPINR24
PIC18F2XJ53
PIC18F4XJ53
---1 1111
---1 1111
---u uuuu
RPINR23
PIC18F2XJ53
PIC18F4XJ53
---1 1111
---1 1111
---u uuuu
TABLE 5-2:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset,
Wake From Deep
Sleep
MCLR Resets
WDT Reset
RESET Instruction
Stack Resets
CM Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Note 1: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
2: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3: One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
4: See Table 5-1 for Reset value for specific condition.
5: Not implemented for PIC18F2XJ53 devices.
6: Not implemented for “LF” devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com