Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1826S-1802E/EB Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP1826S-1802E/EB
Description  1000 mA, Low Voltage, Low Quiescent Current LDO Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1826S-1802E/EB Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP1826S-1802E/EB Datasheet HTML 19Page - Microchip Technology MCP1826S-1802E/EB Datasheet HTML 20Page - Microchip Technology MCP1826S-1802E/EB Datasheet HTML 21Page - Microchip Technology MCP1826S-1802E/EB Datasheet HTML 22Page - Microchip Technology MCP1826S-1802E/EB Datasheet HTML 23Page - Microchip Technology MCP1826S-1802E/EB Datasheet HTML 24Page - Microchip Technology MCP1826S-1802E/EB Datasheet HTML 25Page - Microchip Technology MCP1826S-1802E/EB Datasheet HTML 26Page - Microchip Technology MCP1826S-1802E/EB Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
© 2007 Microchip Technology Inc.
DS22057A-page 23
MCP1826/MCP1826S
Package Marking Information (Continued)
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
5-Lead DDPAK (MCP1826)
5-Lead TO-220 (MCP1826)
12 3 4 5
12 34 5
XXXXXXXXX
XXXXXXXXX
YYWWNNN
XXXXXXXXX
XXXXXXXXX
YYWWNNN
12 3 4 5
MCP1826
1.0EET^^
0730256
12 3 4 5
MCP1826
08EAT^^
0730256
Example:
Example:
3
e
3
e
5-Lead SOT-223 (MCP1826)
XXXXXXX
XXXYYWW
NNN
Example:
1826-08
EDC0730
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com