Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1826S-1802E/EB Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP1826S-1802E/EB
Description  1000 mA, Low Voltage, Low Quiescent Current LDO Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1826S-1802E/EB Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP1826S-1802E/EB Datasheet HTML 28Page - Microchip Technology MCP1826S-1802E/EB Datasheet HTML 29Page - Microchip Technology MCP1826S-1802E/EB Datasheet HTML 30Page - Microchip Technology MCP1826S-1802E/EB Datasheet HTML 31Page - Microchip Technology MCP1826S-1802E/EB Datasheet HTML 32Page - Microchip Technology MCP1826S-1802E/EB Datasheet HTML 33Page - Microchip Technology MCP1826S-1802E/EB Datasheet HTML 34Page - Microchip Technology MCP1826S-1802E/EB Datasheet HTML 35Page - Microchip Technology MCP1826S-1802E/EB Datasheet HTML 36Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
© 2007 Microchip Technology Inc.
DS22057A-page 33
MCP1826/MCP1826S
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP1826:
1000 mA Low Dropout Regulator
MCP1826T: 1000 mA Low Dropout Regulator
Tape and Reel
MCP1826S: 1000 mA Low Dropout Regulator
MCP1826ST: 1000 mA Low Dropout Regulator
Tape and Reel
Output Voltage *:
08
= 0.8V “Standard”
12
= 1.2V “Standard”
18
= 1.8V “Standard”
25
= 2.5V “Standard”
30
= 3.0V “Standard”
33
= 3.3V “Standard”
50
= 5.0V “Standard”
ADJ = Adjustable Output Voltage ** (MCP1826 only)
*Contact factory for other output voltage options
** When ADJ is used, the “extra feature code” and
“tolerance” columns do not apply. Refer to examples.
Extra Feature Code:
0
= Fixed
Tolerance:
2
= 2.0% (Standard)
Temperature:
E
= -40
°C to +125°C
Package Type:
AB = Plastic Transistor Outline, TO-220, 3-lead
AT = Plastic Transistor Outline, TO-220, 5-lead
DB = Plastic Transistor Outline, SOT-223, 3-lead
DC = Plastic Transistor Outline, SOT-223, 5-lead
EB = Plastic, DDPAK, 3-lead
ET = Plastic, DDPAK, 5-lead
Note: ADJ (Adjustable) only available in 5-lead version.
PART NO.
X
XX
Output Feature
Code
Device
Voltage
X
Tolerance
X/
Temp.
XX
Package
Examples:
a)
MCP1826-0802E/XX: 0.8V LDO Regulator
b)
MCP1826-1002E/XX: 1.0V LDO Regulator
c)
MCP1826-1202E/XX: 1.2V LDO Regulator
d)
MCP1826-1802E/XX 1.8V LDO Regulator
e)
MCP1826-2502EXX: 25V LDO Regulator
f)
MCP1826-3002E/XX: 3.0V LDO Regulator
g)
MCP1826-3302E/XX 3.3V LDO Regulator
h)
MCP1826-5002E/XX: 5.0V LDO Regulator
i)
MCP1826-ADJE/XX: ADJ LDO Regulator
a)
MCP1826S-0802E/XX:0.8V LDO Regulator
b)
MCP1826S-1002E/XX:1.0V LDO Regulator
c)
MCP1826S-1202E/XX 1.2V LDO Regulator
d)
MCP1826S-1802E/XX 1.8V LDO Regulator
e)
MCP1826S-2502E/XX 2.5V LDO Regulator
f)
MCP1826S-2502E/XX 3.0V LDO Regulator
g)
MCP1826S-3302E/XX 3.3V LDO Regulator
h)
MCP1826S-5002E/XX 5.0V LDO Regulator
XX = AB for 3LD TO-220 package
= AT for 5LD TO-220 package
= DB for 3LD SOT-223 package
= DC for 5LD SOT-223 package
= EB for 3LD DDPAK package
= ET for 5LD DDPAK package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com