Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F722-I/SP Datasheet(PDF) 85 Page - Microchip Technology

Part # PIC16F722-I/SP
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722-I/SP Datasheet(HTML) 85 Page - Microchip Technology

Back Button PIC16F722-I/SP Datasheet HTML 81Page - Microchip Technology PIC16F722-I/SP Datasheet HTML 82Page - Microchip Technology PIC16F722-I/SP Datasheet HTML 83Page - Microchip Technology PIC16F722-I/SP Datasheet HTML 84Page - Microchip Technology PIC16F722-I/SP Datasheet HTML 85Page - Microchip Technology PIC16F722-I/SP Datasheet HTML 86Page - Microchip Technology PIC16F722-I/SP Datasheet HTML 87Page - Microchip Technology PIC16F722-I/SP Datasheet HTML 88Page - Microchip Technology PIC16F722-I/SP Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 302 page
background image
© 2009 Microchip Technology Inc.
DS41341E-page 85
PIC16F72X/PIC16LF72X
REGISTER 6-15:
PORTE: PORTE REGISTER
U-0
U-0
U-0
U-0
R-x
R/W-x
R/W-x
R/W-x
—
—
—
—
RE3
RE2(1)
RE1(1)
RE0(1)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-4
Unimplemented: Read as ‘0’
bit 3-0
RE<3:0>: PORTE I/O Pin bits(1)
1
= Port pin is > VIH
0
= Port pin is < VIL
Note 1:
RE<2:0> are not implemented on the PIC16F722/723/726/PIC16LF722/723/726. Read as ‘0’.
REGISTER 6-16:
TRISE: PORTE TRI-STATE REGISTER
U-0
U-0
U-0
U-0
R-1
R/W-1
R/W-1
R/W-1
—
—
—
—
TRISE3
TRISE2(1)
TRISE1(1)
TRISE0(1)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-4
Unimplemented: Read as ‘0’
bit 3
TRISE3: RE3 Port Tri-state Control bit
This bit is always ‘1’ as RE3 is an input only
bit 2-0
TRISE<2:0>: RE<2:0> Tri-State Control bits(1)
1
= PORTE pin configured as an input (tri-stated)
0
= PORTE pin configured as an output
Note 1:
TRISE<2:0> are not implemented on the PIC16F722/723/726/PIC16LF722/723/726. Read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com