Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F722-I/SP Datasheet(PDF) 92 Page - Microchip Technology

Part # PIC16F722-I/SP
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722-I/SP Datasheet(HTML) 92 Page - Microchip Technology

Back Button PIC16F722-I/SP Datasheet HTML 88Page - Microchip Technology PIC16F722-I/SP Datasheet HTML 89Page - Microchip Technology PIC16F722-I/SP Datasheet HTML 90Page - Microchip Technology PIC16F722-I/SP Datasheet HTML 91Page - Microchip Technology PIC16F722-I/SP Datasheet HTML 92Page - Microchip Technology PIC16F722-I/SP Datasheet HTML 93Page - Microchip Technology PIC16F722-I/SP Datasheet HTML 94Page - Microchip Technology PIC16F722-I/SP Datasheet HTML 95Page - Microchip Technology PIC16F722-I/SP Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 302 page
background image
PIC16F72X/PIC16LF72X
DS41341E-page 92
© 2009 Microchip Technology Inc.
7.5
Oscillator Tuning
The INTOSC is factory calibrated but can be adjusted
in software by writing to the OSCTUNE register
(Register 7-2).
The default value of the OSCTUNE register is ‘0’. The
value is a 6-bit two’s complement number.
When the OSCTUNE register is modified, the INTOSC
frequency will begin shifting to the new frequency. Code
execution continues during this shift. There is no
indication that the shift has occurred.
REGISTER 7-2:
OSCTUNE: OSCILLATOR TUNING REGISTER
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
TUN5
TUN4
TUN3
TUN2
TUN1
TUN0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented: Read as ‘0’
bit 5-0
TUN<5:0>: Frequency Tuning bits
01 1111
= Maximum frequency
01 1110
=
•
•
•
00 0001
=
00 0000
= Oscillator module is running at the factory-calibrated frequency.
11 1111
=
•
•
•
10 0000
= Minimum frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com