Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F16KA101-I/ML Datasheet(PDF) 99 Page - Microchip Technology

Part # PIC24F16KA101-I/ML
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA101-I/ML Datasheet(HTML) 99 Page - Microchip Technology

Back Button PIC24F16KA101-I/ML Datasheet HTML 95Page - Microchip Technology PIC24F16KA101-I/ML Datasheet HTML 96Page - Microchip Technology PIC24F16KA101-I/ML Datasheet HTML 97Page - Microchip Technology PIC24F16KA101-I/ML Datasheet HTML 98Page - Microchip Technology PIC24F16KA101-I/ML Datasheet HTML 99Page - Microchip Technology PIC24F16KA101-I/ML Datasheet HTML 100Page - Microchip Technology PIC24F16KA101-I/ML Datasheet HTML 101Page - Microchip Technology PIC24F16KA101-I/ML Datasheet HTML 102Page - Microchip Technology PIC24F16KA101-I/ML Datasheet HTML 103Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 254 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39927B-page 97
PIC24F16KA102 FAMILY
9.4
Clock Switching Operation
With few limitations, applications are free to switch
between any of the four clock sources (POSC, SOSC,
FRC and LPRC) under software control and at any
time. To limit the possible side effects that could result
from this flexibility, PIC24F devices have a safeguard
lock built into the switching process.
9.4.1
ENABLING CLOCK SWITCHING
To enable clock switching, the FCKSM1 Configuration bit
in the FOSC Configuration register must be programmed
to ‘0’. (Refer to Section 26.1 “Configuration Bits” for
further details.) If the FCKSM1 Configuration bit is unpro-
grammed (‘1’), the clock switching function and FSCM
function are disabled. This is the default setting.
The NOSCx control bits (OSCCON<10:8>) do not
control the clock selection when clock switching is
disabled. However, the COSCx bits (OSCCON<14:12>)
will reflect the clock source selected by the FNOSCx
Configuration bits.
The OSWEN control bit (OSCCON<0>) has no effect
when clock switching is disabled; it is held at ‘0’ at all
times.
9.4.2
OSCILLATOR SWITCHING
SEQUENCE
At a minimum, performing a clock switch requires this
basic sequence:
1.
If desired, read the COSCx bits (OSCCON<14:12>),
to determine the current oscillator source.
2.
Perform the unlock sequence to allow a write to
the OSCCON register high byte.
3.
Write the appropriate value to the NOSCx bits
(OSCCON<10:8>) for the new oscillator source.
4.
Perform the unlock sequence to allow a write to
the OSCCON register low byte.
5.
Set the OSWEN bit to initiate the oscillator
switch.
Once the basic sequence is completed, the system
clock hardware responds automatically as follows:
1.
The clock switching hardware compares the
COSCx bits with the new value of the NOSCx
bits. If they are the same, then the clock switch
is a redundant operation. In this case, the
OSWEN bit is cleared automatically and the
clock switch is aborted.
2.
If a valid clock switch has been initiated, the
LOCK (OSCCON<5>) and CF (OSCCON<3>)
bits are cleared.
3.
The new oscillator is turned on by the hardware
if it is not currently running. If a crystal oscillator
must be turned on, the hardware will wait until
the OST expires. If the new source is using the
PLL, then the hardware waits until a PLL lock is
detected (LOCK = 1).
4.
The hardware waits for 10 clock cycles from the
new clock source and then performs the clock
switch.
5.
The hardware clears the OSWEN bit to indicate a
successful clock transition. In addition, the
NOSCx bits value is transferred to the COSCx
bits.
6.
The old clock source is turned off at this time,
with the exception of LPRC (if WDT, FSCM or
RTCC with LPRC as clock source are enabled)
or SOSC (if SOSCEN remains enabled).
Note:
The primary oscillator mode has three
different submodes (XT, HS and EC),
which are determined by the POSCMDx
Configuration bits. While an application
can switch to and from primary oscillator
mode in software, it cannot switch
between the different primary submodes
without reprogramming the device.
Note 1:
The processor will continue to execute
code throughout the clock switching
sequence. Timing-sensitive code should
not be executed during this time.
2:
Direct clock switches between any
primary oscillator mode with PLL and
FRCPLL mode are not permitted. This
applies to clock switches in either
direction.
In
these
instances,
the
application must switch to FRC mode as
a transition clock source between the two
PLL modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com