Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F16KA101-I/ML Datasheet(PDF) 188 Page - Microchip Technology

Part # PIC24F16KA101-I/ML
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA101-I/ML Datasheet(HTML) 188 Page - Microchip Technology

Back Button PIC24F16KA101-I/ML Datasheet HTML 184Page - Microchip Technology PIC24F16KA101-I/ML Datasheet HTML 185Page - Microchip Technology PIC24F16KA101-I/ML Datasheet HTML 186Page - Microchip Technology PIC24F16KA101-I/ML Datasheet HTML 187Page - Microchip Technology PIC24F16KA101-I/ML Datasheet HTML 188Page - Microchip Technology PIC24F16KA101-I/ML Datasheet HTML 189Page - Microchip Technology PIC24F16KA101-I/ML Datasheet HTML 190Page - Microchip Technology PIC24F16KA101-I/ML Datasheet HTML 191Page - Microchip Technology PIC24F16KA101-I/ML Datasheet HTML 192Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 254 page
background image
PIC24F16KA102 FAMILY
DS39927B-page 186
Preliminary
© 2009 Microchip Technology Inc.
25.2
Measuring Time
Time measurements on the pulse width can be similarly
performed using the A/D module’s internal capacitor
(CAD) and a precision resistor for current calibration.
Figure 25-2 displays the external connections used for
time measurements, and how the CTMU and A/D
modules are related in this application. This example
also shows both edge events coming from the external
CTEDG pins, but other configurations using internal
edge sources are possible.
25.3
Pulse Generation and Delay
The CTMU module can also generate an output pulse
with edges that are not synchronous with the device’s
system clock. More specifically, it can generate a pulse
with a programmable delay from an edge event input to
the module.
When the module is configured for pulse generation
delay by setting the TGEN bit (CTMUCON<12>), the
internal current source is connected to the B input of
Comparator 2. A capacitor (CDELAY) is connected to
the Comparator 2 pin, C2INB, and the comparator
voltage reference, CVREF, is connected to C2INA.
CVREF is then configured for a specific trip point. The
module begins to charge CDELAY when an edge event
is detected. When CDELAY charges above the CVREF
trip point, a pulse is output on CTPLS. The length of the
pulse delay is determined by the value of CDELAY and
the CVREF trip point.
Figure 25-3 shows the external connections for pulse
generation, as well as the relationship of the different
analog modules required. While CTEDG1 is shown as
the input pulse source, other options are available. A
detailed discussion on pulse generation with the CTMU
module is provided in the “PIC24F Family Reference
Manual”
.
FIGURE 25-2:
TYPICAL CONNECTIONS AND INTERNAL CONFIGURATION FOR TIME
MEASUREMENT
FIGURE 25-3:
TYPICAL CONNECTIONS AND INTERNAL CONFIGURATION FOR PULSE
DELAY GENERATION
PIC24F Device
A/D Converter
CTMU
CTEDG1
CTEDG2
ANx
Output Pulse
EDG1
EDG2
CAD
RPR
Current Source
C2
CVREF
CTPLS
PIC24F Device
Current Source
Comparator
CTMU
CTEDG1
C2INB
CDELAY
EDG1
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com