Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F16KA101-I/ML Datasheet(PDF) 196 Page - Microchip Technology

Part # PIC24F16KA101-I/ML
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA101-I/ML Datasheet(HTML) 196 Page - Microchip Technology

Back Button PIC24F16KA101-I/ML Datasheet HTML 192Page - Microchip Technology PIC24F16KA101-I/ML Datasheet HTML 193Page - Microchip Technology PIC24F16KA101-I/ML Datasheet HTML 194Page - Microchip Technology PIC24F16KA101-I/ML Datasheet HTML 195Page - Microchip Technology PIC24F16KA101-I/ML Datasheet HTML 196Page - Microchip Technology PIC24F16KA101-I/ML Datasheet HTML 197Page - Microchip Technology PIC24F16KA101-I/ML Datasheet HTML 198Page - Microchip Technology PIC24F16KA101-I/ML Datasheet HTML 199Page - Microchip Technology PIC24F16KA101-I/ML Datasheet HTML 200Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 254 page
background image
PIC24F16KA102 FAMILY
DS39927B-page 194
Preliminary
© 2009 Microchip Technology Inc.
REGISTER 26-8:
FDS: DEEP SLEEP CONFIGURATION REGISTER
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
DSWDTEN
DSLPBOR
RTCCKSEL DSWCKSEL DSWDTPS3 DSWDTPS2 DSWDTPS1 DSWDTPS0
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
DSWDTEN:
Deep Sleep Watchdog Timer Enable bit
1
= DSWDT enabled
0
= DSWDT disabled
bit 6
DSLPBOR:
Deep Sleep/Low-Power BOR Enable bit (does not affect operation in non Deep Sleep modes)
1
= Deep Sleep BOR enabled in Deep Sleep
0
= Deep Sleep BOR disabled in Deep Sleep
bit 5
RTCCKSEL:
RTCC Reference Clock Select bit
1
= RTCC uses SOSC as reference clock
0
= RTCC uses LPRC as reference clock
bit 4
DSWCKSEL:
DSWDT Reference Clock Select bit
1
= DSWDT uses LPRC as reference clock
0
= DSWDT uses SOSC as reference clock
bit 3-0
DSWDTPS<3:0>:
Deep Sleep Watchdog Timer Postscale Select bits
The DSWDT prescaler is 32; this creates an approximate base time unit of 1 ms.
1111
= 1:2,147,483,648 (25.7 days) nominal
1110
= 1:536,870,912 (6.4 days) nominal
1101
= 1:134,217,728 (38.5 hours) nominal
1100
= 1:33,554,432 (9.6 hours) nominal
1011
= 1:8,388,608 (2.4 hours) nominal
1010
= 1:2,097,152 (36 minutes) nominal
1001
= 1:524,288 (9 minutes) nominal
1000
= 1:131,072 (135 seconds) nominal
0111
= 1:32,768 (34 seconds) nominal
0110
= 1:8,192 (8.5 seconds) nominal
0101
= 1:2,048 (2.1 seconds) nominal
0100
= 1:512 (528 ms) nominal
0011
= 1:128 (132 ms) nominal
0010
= 1:32 (33 ms) nominal
0001
= 1:8 (8.3 ms) nominal
0000
= 1:2 (2.1 ms) nominal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com