Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

11LC021-ICS16K Datasheet(PDF) 32 Page - Microchip Technology

Part # 11LC021-ICS16K
Description  1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

11LC021-ICS16K Datasheet(HTML) 32 Page - Microchip Technology

Back Button 11LC021-ICS16K Datasheet HTML 28Page - Microchip Technology 11LC021-ICS16K Datasheet HTML 29Page - Microchip Technology 11LC021-ICS16K Datasheet HTML 30Page - Microchip Technology 11LC021-ICS16K Datasheet HTML 31Page - Microchip Technology 11LC021-ICS16K Datasheet HTML 32Page - Microchip Technology 11LC021-ICS16K Datasheet HTML 33Page - Microchip Technology 11LC021-ICS16K Datasheet HTML 34Page - Microchip Technology 11LC021-ICS16K Datasheet HTML 35Page - Microchip Technology 11LC021-ICS16K Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
11AAXXX/11LCXXX
DS22067H-page 32
Preliminary
 2010 Microchip Technology Inc.
/HDG3ODVWLF 7UDQVLVWRU 2XWOLQH 72 >72@
1RWHV
 'LPHQVLRQV $ DQG ( GR QRW LQFOXGH PROG IODVK RU SURWUXVLRQV 0ROG IODVK RU SURWUXVLRQV VKDOO QRW H[FHHG  SHU VLGH
 'LPHQVLRQLQJ DQG WROHUDQFLQJ SHU $60( <0
%6& %DVLF 'LPHQVLRQ 7KHRUHWLFDOO\ H[DFW YDOXH VKRZQ ZLWKRXW WROHUDQFHV
1RWH
)RU WKH PRVW FXUUHQW SDFNDJH GUDZLQJV SOHDVHVHH WKH 0LFURFKLS 3DFNDJLQJ 6SHFLILFDWLRQ ORFDWHG DW
KWWSZZZPLFURFKLSFRPSDFNDJLQJ
8QLWV
,1&+(6
'LPHQVLRQ /LPLWV
0,1
0$;
1XPEHU RI 3LQV
1

3LWFK
H
 %6&
%RWWRP WR 3DFNDJH )ODW
'


2YHUDOO :LGWK
(


2YHUDOO /HQJWK
$


0ROGHG 3DFNDJH 5DGLXV
5


7LS WR 6HDWLQJ 3ODQH
/

±
/HDG 7KLFNQHVV
F


/HDG :LGWK
E


E
A
N
1
L
b
e
c
R
D
1
2
3
0LFURFKLS 7HFKQRORJ\ 'UDZLQJ &%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com