Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

11LC021-ICS16K Datasheet(PDF) 20 Page - Microchip Technology

Part # 11LC021-ICS16K
Description  1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

11LC021-ICS16K Datasheet(HTML) 20 Page - Microchip Technology

Back Button 11LC021-ICS16K Datasheet HTML 16Page - Microchip Technology 11LC021-ICS16K Datasheet HTML 17Page - Microchip Technology 11LC021-ICS16K Datasheet HTML 18Page - Microchip Technology 11LC021-ICS16K Datasheet HTML 19Page - Microchip Technology 11LC021-ICS16K Datasheet HTML 20Page - Microchip Technology 11LC021-ICS16K Datasheet HTML 21Page - Microchip Technology 11LC021-ICS16K Datasheet HTML 22Page - Microchip Technology 11LC021-ICS16K Datasheet HTML 23Page - Microchip Technology 11LC021-ICS16K Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
11AAXXX/11LCXXX
DS22067H-page 20
Preliminary
 2010 Microchip Technology Inc.
8-Lead SOIC
XXXXYYWW
XXXXXXXT
NNN
Example:
SN
0828
11AA160I
1L7
3
e
8-Lead SOIC Package Marking (Pb-Free)
Device
Line 1 Marking
Device
Line 1 Marking
11AA010
11AA010T
11LC010
11LC010T
11AA020
11AA020T
11LC020
11LC020T
11AA040
11AA040T
11LC040
11LC040T
11AA080
11AA080T
11LC080
11LC080T
11AA160
11AA160T
11LC160
11LC160T
11AA161
11AA161T
11LC161
11LC161T
Note:
T = Temperature Grade (I, E)
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com