Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F722-I/SS Datasheet(PDF) 89 Page - Microchip Technology

Part # PIC16F722-I/SS
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722-I/SS Datasheet(HTML) 89 Page - Microchip Technology

Back Button PIC16F722-I/SS Datasheet HTML 85Page - Microchip Technology PIC16F722-I/SS Datasheet HTML 86Page - Microchip Technology PIC16F722-I/SS Datasheet HTML 87Page - Microchip Technology PIC16F722-I/SS Datasheet HTML 88Page - Microchip Technology PIC16F722-I/SS Datasheet HTML 89Page - Microchip Technology PIC16F722-I/SS Datasheet HTML 90Page - Microchip Technology PIC16F722-I/SS Datasheet HTML 91Page - Microchip Technology PIC16F722-I/SS Datasheet HTML 92Page - Microchip Technology PIC16F722-I/SS Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 302 page
background image
© 2009 Microchip Technology Inc.
DS41341E-page 89
PIC16F72X/PIC16LF72X
7.0
OSCILLATOR MODULE
7.1
Overview
The oscillator module has a wide variety of clock sources
and selection features that allow it to be used in a wide
range of applications while maximizing performance and
minimizing power consumption. Figure 7-1 illustrates a
block diagram of the oscillator module.
Clock sources can be configured from external
oscillators, quartz crystal resonators, ceramic resonators
and Resistor-Capacitor (RC) circuits. In addition, the
system can be configured to use an internal calibrated
high-frequency oscillator as clock source, with a choice
of selectable speeds via software.
Clock source modes are configured by the FOSC bits
in Configuration Word 1 (CONFIG1). The oscillator
module can be configured for one of eight modes of
operation.
1.
RC – External Resistor-Capacitor (RC) with
FOSC/4 output on OSC2/CLKOUT.
2.
RCIO – External Resistor-Capacitor (RC) with
I/O on OSC2/CLKOUT.
3.
INTOSC – Internal oscillator with FOSC/4 output
on OSC2 and I/O on OSC1/CLKIN.
4.
INTOSCIO – Internal oscillator with I/O on
OSC1/CLKIN and OSC2/CLKOUT.
5.
EC – External clock with I/O on OSC2/CLKOUT.
6.
HS – High Gain Crystal or Ceramic Resonator
mode.
7.
XT
–
Medium
Gain
Crystal
or
Ceramic
Resonator Oscillator mode.
8.
LP – Low-Power Crystal mode.
FIGURE 7-1:
SIMPLIFIED PIC® MCU CLOCK SOURCE BLOCK DIAGRAM
(CPU and Peripherals)
OSC1
OSC2
Sleep
External Oscillator
LP, XT, HS, RC, EC
System Clock
16 MHz/500 kHz
8 MHz/250 kHz
4 MHz/125 kHz
2 MHz/62.5 kHz
IRCF<1:0>
11
10
01
00
FOSC<2:0>
(Configuration Word 1)
Internal Oscillator
(OSCCON Register)
500 kHz
INTOSC
32x
0
1
PLL
PLLEN
(Configuration Word 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com