Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F722-I/SS Datasheet(PDF) 95 Page - Microchip Technology

Part # PIC16F722-I/SS
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722-I/SS Datasheet(HTML) 95 Page - Microchip Technology

Back Button PIC16F722-I/SS Datasheet HTML 91Page - Microchip Technology PIC16F722-I/SS Datasheet HTML 92Page - Microchip Technology PIC16F722-I/SS Datasheet HTML 93Page - Microchip Technology PIC16F722-I/SS Datasheet HTML 94Page - Microchip Technology PIC16F722-I/SS Datasheet HTML 95Page - Microchip Technology PIC16F722-I/SS Datasheet HTML 96Page - Microchip Technology PIC16F722-I/SS Datasheet HTML 97Page - Microchip Technology PIC16F722-I/SS Datasheet HTML 98Page - Microchip Technology PIC16F722-I/SS Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 302 page
background image
© 2009 Microchip Technology Inc.
DS41341E-page 95
PIC16F72X/PIC16LF72X
8.0
DEVICE CONFIGURATION
Device Configuration consists of Configuration Word 1
and Configuration Word 2 registers, Code Protection
and Device ID.
8.1
Configuration Words
There are several Configuration Word bits that allow
different oscillator and memory protection options.
These are implemented as Configuration Word 1
register at 2007h and Configuration Word 2 register at
2008h. These registers are only accessible during
programming.
REGISTER 8-1:
CONFIG1: CONFIGURATION WORD REGISTER 1
R/P-1
R/P-1
U-1(4)
R/P-1
R/P-1
R/P-1
—
—DEBUG
PLLEN
—
BORV
BOREN1
BOREN0
bit 15
bit 8
U-1(4)
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
—CP
MCLRE
PWRTE
WDTE
FOSC2
FOSC1
FOSC0
bit 7
bit 0
Legend:
P = Programmable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 13
DEBUG: In-Circuit Debugger Mode bit
1
= In-Circuit Debugger disabled, RB6/ICSPCLK and RB7/ICSPDAT are general purpose I/O pins
0
= In-Circuit Debugger enabled, RB6/ICSPCLK and RB7/ICSPDAT are dedicated to the debugger
bit 12
PLLEN: INTOSC PLL Enable bit
0
= INTOSC Frequency is 500 kHz
1
= INTOSC Frequency is 16 MHz (32x)
bit 11
Unimplemented: Read as ‘1’
bit 10
BORV: Brown-out Reset Voltage selection bit
0
= Brown-out Reset Voltage (VBOR) set to 2.5 V nominal
1
= Brown-out Reset Voltage (VBOR) set to 1.9 V nominal
bit 9-8
BOREN<1:0>: Brown-out Reset Selection bits(1)
0x
= BOR disabled (Preconditioned State)
10
= BOR enabled during operation and disabled in Sleep
11
= BOR enabled
bit 7
Unimplemented: Read as ‘1’
bit 6
CP: Code Protection bit(2)
1
= Program memory code protection is disabled
0
= Program memory code protection is enabled
bit 5
MCLRE: RE3/MCLR pin function select bit(3)
1
= RE3/MCLR pin function is MCLR
0
= RE3/MCLR pin function is digital input, MCLR internally tied to VDD
bit 4
PWRTE: Power-up Timer Enable bit
1
= PWRT disabled
0
= PWRT enabled
bit 3
WDTE: Watchdog Timer Enable bit
1
= WDT enabled
0
= WDT disabled
Note
1:
Enabling Brown-out Reset does not automatically enable Power-up Timer.
2:
The entire program memory will be erased when the code protection is turned off.
3:
When MCLR is asserted in INTOSC or RC mode, the internal clock oscillator is disabled.
4:
MPLAB® IDE masks unimplemented Configuration bits to ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com