Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1934-E/ML Datasheet(PDF) 130 Page - Microchip Technology

Part # PIC16F1934-E/ML
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/ML Datasheet(HTML) 130 Page - Microchip Technology

Back Button PIC16F1934-E/ML Datasheet HTML 126Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 127Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 128Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 129Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 130Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 131Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 132Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 133Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 134Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 418 page
background image
PIC16F193X/LF193X
DS41364A-page 128
Preliminary
© 2008 Microchip Technology Inc.
REGISTER 10-2:
CONFIGURATION WORD 2
R/P-1/1
R/P-1/1
U-1
R/P-1/1
R/P-1/1
R/P-1/1
U-1
LVP
DEBUG
—
BORV
STVREN
PLLEN
—
bit 13
bit 7
U-1
R/P-1/1
R/P-1/1
U-1
U-1
R/P-1/1
R/P-1/1
—
VCAPEN1
VCAPEN0
—
—WRT1
WRT0
bit 6
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 13
LVP: Low-Voltage Programming Enable bit(1)
1
= Low-voltage programming enabled
0
= High-voltage on MCLR/VPP must be used for programming
bit 12
DEBUG: In-Circuit Debugger Mode bit
1
= In-Circuit Debugger disabled, RB6/ICSPCLK and RB7/ICSPDAT are general purpose I/O pins
0
= In-Circuit Debugger enabled, RB6/ICSPCLK and RB7/ICSPDAT are dedicated to the debugger
bit 11
Unimplemented: Read as ‘1’
bit 10
BORV: Brown-out Reset Voltage Selection bit
1
= Brown-out Reset voltage set to 1.9V
0
= Brown-out Reset voltage set to 2.7V
bit 9
STVREN: Stack Overflow/Underflow Reset Enable bit
1
= Stack Overflow or Underflow will cause a Reset
0
= Stack Overflow or Underflow will not cause a Reset
bit 8
PLLEN: PLL Enable bit
1
= 4xPLL enabled
0
= 4xPLL disabled
bit 7-6
Unimplemented: Read as ‘1’
bit 5-4
VCAPEN<1:0>: Voltage Regulator Capacitor Enable bits(2)
00
=VCAP functionality is enabled on RA0
01
=VCAP functionality is enabled on RA5
10
=VCAP functionality is enabled on RA6
11
= No capacitor on VCAP pin
bit 3-2
Unimplemented: Read as ‘1’
bit 1-0
WRT<1:0>: Flash Memory Self-Write Protection bits
4 kW FLASH memory (PIC16F1933/PIC16LF1933 and PIC16F1934/PIC16LF1934 only):
11
=
Write protection off
10
=
000h to 1FFh write-protected, 200h to FFFh may be modified by EECON control
01
=
000h to 7FFh write-protected, 800h to FFFh may be modified by EECON control
00
=
000h to FFFh write-protected, no addresses may be modified by EECON control
8 kW FLASH memory (PIC16F1936/PIC16LF1936 and PIC16F1937/PIC16LF1937 only):
11
=
Write protection off
10
=
000h to 1FFh write-protected, 200h to 1FFFh may be modified by EECON control
01
=
000h to FFFh write-protected, 1000h to 1FFFh may be modified by EECON control
00
=
000h to 1FFFh write-protected, no addresses may be modified by EECON control
16 kW FLASH memory (PIC16F1938/PIC16LF1938 and PIC16F1939/PIC16LF1939 only):
11
=
Write protection off
10
=
000h to 1FFh write-protected, 200h to 3FFFh may be modified by EECON control
01
=
000h to 1FFFh write-protected, 2000h to 3FFFh may be modified by EECON control
00
=
000h to 3FFFh write-protected, no addresses may be modified by EECON control
Note
1:
The LVP bit cannot be programmed to ‘0’ when Programming mode is entered via LVP.
2:
Reads as ‘11’ on PIC16LF193X only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com