Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1934-E/ML Datasheet(PDF) 131 Page - Microchip Technology

Part # PIC16F1934-E/ML
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/ML Datasheet(HTML) 131 Page - Microchip Technology

Back Button PIC16F1934-E/ML Datasheet HTML 127Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 128Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 129Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 130Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 131Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 132Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 133Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 134Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 135Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 129
PIC16F193X/LF193X
10.2
Code Protection
Code protection is controlled using the CP bit in
Configuration Word 1. When code protection is
enabled, all program memory locations (0000h-7FFFh)
read as all ‘0’. Further programming is disabled for the
program memory (0000h-7FFFh).
Data memory is protected with its own Code-Protect bit
(CPD). When data code protection is enabled (CPD = 0),
all data memory locations read as ‘0’. Further
programming is disabled for the data memory. Data
memory can still be programmed and read during
program execution.
The user ID locations and Configuration Words can be
programmed and read out regardless of the code
protection settings.
10.3
User ID
Four memory locations (8000h-8003h) are designated
as ID locations where the user can store checksum or
other code identification numbers. These locations are
not accessible during normal execution, but are read-
able and writable during Program/Verify mode. Only
the Least Significant 7 bits of the ID locations are
reported
when
using
MPLAB®
IDE.
See
the
“PIC16193X/PIC16LF193X
Memory
Programming
Specification” (DS41360A) for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com