Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1934-E/ML Datasheet(PDF) 191 Page - Microchip Technology

Part # PIC16F1934-E/ML
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/ML Datasheet(HTML) 191 Page - Microchip Technology

Back Button PIC16F1934-E/ML Datasheet HTML 187Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 188Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 189Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 190Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 191Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 192Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 193Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 194Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 195Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 189
PIC16F193X/LF193X
19.4
Compare Mode
In Compare mode, the 16-bit CCPRx register value is
constantly compared against the TMR1 register pair
value. When a match occurs, the CCPx module may:
• Toggle the CCPx output
• Set the CCPx output
• Clear the CCPx output
• Generate a Special Event Trigger
• Generate a Software Interrupt
The action on the pin is based on the value of the
CCPxM<3:0> control bits of the CCPxCON register. At
the same time, the interrupt flag CCPxIF bit is set.
All Compare modes can generate an interrupt.
FIGURE 19-2:
COMPARE MODE
OPERATION BLOCK
DIAGRAM
19.4.1
CCPX PIN CONFIGURATION
The user must configure the CCPx pin as an output by
clearing the associated TRIS bit.
Also, the CCPx pin function can be moved to
alternative pins using the APFCON register. Refer to
Section 6.1 “Alternate Pin Function” for more
details.
19.4.2
TIMER1 MODE SELECTION
In Compare mode, Timer1 must be running in either
Timer mode or Synchronized Counter mode. The
compare operation may not work in Asynchronous
Counter mode.
19.4.3
SOFTWARE INTERRUPT MODE
When Generate Software Interrupt mode is chosen
(CCPxM<3:0> = 1010), the CCPx module does not
assert control of the CCPx pin (see the CCP1CON
register).
19.4.4
SPECIAL EVENT TRIGGER
When
Special
Event
Trigger
mode
is
chosen
(CCPxM<3:0> = 1011), the CCPx module does the
following:
• Resets Timer1
• Starts an ADC conversion if ADC is enabled
(CCP5 only)
The CCPx module does not assert control of the CCPx
pin in this mode (see the CCPxCON register).
The Special Event Trigger output of the CCP occurs
immediately upon a match between the TMR1H,
TMR1L register pair and the CCPRxH, CCPRxL
register pair. The TMR1H, TMR1L register pair is not
reset until the next rising edge of the Timer1 clock. The
Special Event Trigger output starts an A/D conversion
(if the A/D module is enabled). This feature is only
available on CCP5). This allows the CCPRxH,
CCPRxL register pair to effectively provide a 16-bit
programmable period register for Timer1.
19.4.5
COMPARE DURING SLEEP
The Compare mode is dependent upon the system
clock (FOSC) for proper operation. Since FOSC is shut
down during Sleep mode, the Compare mode will not
function properly during Sleep.
Note:
Clearing the CCPxCON register will force
the CCPx compare output latch to the
default low level. This is not the PORT I/O
data latch.
CCPRxH CCPRxL
TMR1H
TMR1L
Comparator
QS
R
Output
Logic
Special Event Trigger
Set CCPxIF Interrupt Flag
(PIRx)
Match
TRIS
CCPxCON<3:0>
Mode Select
Output Enable
Pin
Special Event Trigger will:
•
CCP<4:1>: Reset Timer1, but not set interrupt flag bit
TMR1IF.
•
CCP5: Reset Timer1, but not set interrupt flag bit and set bit
GO/DONE (ADCON0<1>).
CCPx
4
Note:
Clocking Timer1 from the system clock
(FOSC) should not be used in Capture
mode. In order for Capture mode to
recognize the trigger event on the CCPx
pin, TImer1 must be clocked from the
instruction clock (FOSC/4) or from an
external clock source.
Note 1: The Special Event Trigger from the CCP
module does not set interrupt flag bit
TMR1IF of the PIR1 register.
2: Removing
the
match
condition
by
changing the contents of the CCPRxH
and CCPRxL register pair, between the
clock edge that generates the Special
Event Trigger and the clock edge that
generates the Timer1 Reset, will preclude
the Reset from occurring.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com