Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1934-E/ML Datasheet(PDF) 195 Page - Microchip Technology

Part # PIC16F1934-E/ML
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/ML Datasheet(HTML) 195 Page - Microchip Technology

Back Button PIC16F1934-E/ML Datasheet HTML 191Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 192Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 193Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 194Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 195Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 196Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 197Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 198Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 199Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 193
PIC16F193X/LF193X
19.5.3
PWM RESOLUTION
The resolution determines the number of available duty
cycles for a given period. For example, a 10-bit resolution
will result in 1024 discrete duty cycles, whereas an 8-bit
resolution will result in 256 discrete duty cycles.
The maximum PWM resolution is 10 bits when PRx is
255. The resolution is a function of the PRx register
value as shown by Equation 19-4.
EQUATION 19-4:
PWM RESOLUTION
TABLE 19-4:
EXAMPLE PWM FREQUENCIES AND RESOLUTIONS (FOSC = 32 MHz)
TABLE 19-5:
EXAMPLE PWM FREQUENCIES AND RESOLUTIONS (FOSC = 20 MHz)
TABLE 19-6:
EXAMPLE PWM FREQUENCIES AND RESOLUTIONS (FOSC = 8 MHz)
Note:
If the pulse width value is greater than the
period the assigned PWM pin(s) will
remain unchanged.
Resolution
4PRx
1
+
()
[]
log
2
()
log
------------------------------------------ bits
=
PWM Frequency
1.95 kHz
7.81 kHz
31.25 kHz
125 kHz
250 kHz
333.3 kHz
Timer Prescale (1, 4, 16)
16
4
1
1
1
1
PRx Value
0xFF
0xFF
0xFF
0x3F
0x1F
0x17
Maximum Resolution (bits)
10
10
10
8
7
6.6
PWM Frequency
1.22 kHz
4.88 kHz
19.53 kHz
78.12 kHz
156.3 kHz
208.3 kHz
Timer Prescale (1, 4, 16)
16
4
1
1
1
1
PRx Value
0xFF
0xFF
0xFF
0x3F
0x1F
0x17
Maximum Resolution (bits)
10
10
10
8
7
6.6
PWM Frequency
1.22 kHz
4.90 kHz
19.61 kHz
76.92 kHz
153.85 kHz
200.0 kHz
Timer Prescale (1, 4, 16)
16
4
1
1
1
1
PRx Value
0x65
0x65
0x65
0x19
0x0C
0x09
Maximum Resolution (bits)
8
8
8
6
5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com