Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1934-E/ML Datasheet(PDF) 196 Page - Microchip Technology

Part # PIC16F1934-E/ML
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/ML Datasheet(HTML) 196 Page - Microchip Technology

Back Button PIC16F1934-E/ML Datasheet HTML 192Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 193Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 194Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 195Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 196Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 197Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 198Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 199Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 200Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 418 page
background image
PIC16F193X/LF193X
DS41364A-page 194
Preliminary
© 2008 Microchip Technology Inc.
19.5.4
OPERATION IN SLEEP MODE
In Sleep mode, the TMRx register will not increment
and the state of the module will not change. If the CCPx
pin is driving a value, it will continue to drive that value.
When the device wakes up, TMRx will continue from its
previous state.
19.5.5
CHANGES IN SYSTEM CLOCK
FREQUENCY
The PWM frequency is derived from the system clock
frequency. Any changes in the system clock frequency
will result in changes to the PWM frequency. See
Section 8.0 “Oscillator Module (With Fail-Safe
Clock Monitor)” for additional details.
19.5.6
EFFECTS OF RESET
Any Reset will force all ports to Input mode and the
CCP registers to their Reset states.
19.5.7
SETUP FOR PWM OPERATION
The following steps should be taken when configuring
the CCP module for PWM operation:
1.
Disable the PWM pin (CCPx) output driver(s) by
setting the associated TRIS bit(s).
2.
Load the PRx register with the PWM period value.
3.
Configure the CCP module for the PWM mode
by loading the CCPxCON register with the
appropriate values.
4.
Load the CCPRxL register and the DCxBx bits of
the CCPxCON register, with the PWM duty cycle
value.
5.
Configure and start Timerx:
• Clear the TMRxIF interrupt flag bit of the PIRx
register. See Note below.
• Configure the TxCKPS bits of the TxCON
register with the Timerx prescale value.
• Enable Timerx by setting the TMRxON bit of
the T2CON register.
6.
Enable PWM output pin:
• Wait until Timerx overflows, TMRxIF bit of the
PIR1 register is set. See Note below.
• Enable the PWM pin (CCPx) output driver(s) by
clearing the associated TRIS bit(s).
Note:
In order to send a complete duty cycle and
period on the first PWM output, the above
steps must be included in the setup
sequence. If it is not critical to start with a
complete PWM signal on the first output,
then step 6 may be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com