Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1934-E/SP Datasheet(PDF) 210 Page - Microchip Technology

Part # PIC16F1934-E/SP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SP Datasheet(HTML) 210 Page - Microchip Technology

Back Button PIC16F1934-E/SP Datasheet HTML 206Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 207Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 208Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 209Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 210Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 211Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 212Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 213Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 214Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 418 page
background image
PIC16F193X/LF193X
DS41364A-page 208
Preliminary
© 2008 Microchip Technology Inc.
19.6.7
PULSE STEERING MODE
In Single Output mode, pulse steering allows any of the
PWM pins to be the modulated signal. Additionally, the
same PWM signal can be simultaneously available on
multiple pins.
Once
the
Single
Output
mode
is
selected
(CCPxM<3:2> = 11
and
PxM<1:0> = 00
of
the
CCPxCON register), the user firmware can bring out
the same PWM signal to one, two, three or four output
pins by setting the appropriate STRx<D:A> bits of the
PSTRxCON register, as shown in Table 19-7.
While the PWM Steering mode is active, CCPxM<1:0>
bits of the CCPxCON register select the PWM output
polarity for the P1<D:A> pins.
The PWM auto-shutdown operation also applies to
PWM Steering mode as described in Section 19.6.4
“Enhanced
PWM
Auto-shutdown
mode”.
An
auto-shutdown event will only affect pins that have
PWM outputs enabled.
Note:
The associated TRIS bits must be set to
output (‘0’) to enable the pin output driver
in order to see the PWM signal on the pin.
REGISTER 19-6:
PSTRXCON: PULSE STEERING CONTROL REGISTER(1)
U-0
U-0
U-0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-1/1
—
—
—
STRxSYNC
STRxD
STRxC
STRxB
STRxA
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-5
Unimplemented: Read as ‘0’
bit 4
STRxSYNC: Steering Sync bit
1
= Output steering update occurs on next PWM period
0
= Output steering update occurs at the beginning of the instruction cycle boundary
bit 3
STRxD: Steering Enable bit D
1
= P1D pin has the PWM waveform with polarity control from CCPxM<1:0>
0
= P1D pin is assigned to port pin
bit 2
STRxC: Steering Enable bit C
1
= P1C pin has the PWM waveform with polarity control from CCPxM<1:0>
0
= P1C pin is assigned to port pin
bit 1
STRxB: Steering Enable bit B
1
= P1B pin has the PWM waveform with polarity control from CCPxM<1:0>
0 = P1B pin is assigned to port pin
bit 0
STRxA: Steering Enable bit A
1
= P1A pin has the PWM waveform with polarity control from CCPxM<1:0>
0
= P1A pin is assigned to port pin
Note 1:
The PWM Steering mode is available only when the CCPxCON register bits CCPxM<3:2> = 11 and
PxM<1:0> = 00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com