Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1934-E/SP Datasheet(PDF) 28 Page - Microchip Technology

Part # PIC16F1934-E/SP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SP Datasheet(HTML) 28 Page - Microchip Technology

Back Button PIC16F1934-E/SP Datasheet HTML 24Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 25Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 26Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 27Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 28Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 29Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 30Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 31Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 418 page
background image
TABLE 2-3:
PIC16F1933/1934 MEMORY MAP, BANKS 8-15
Legend:
= Unimplemented data memory locations, read as ‘0’.
BANK 8
BANK 9
BANK 10
BANK 11
BANK 12
BANK 13
BANK 14
BANK 15
400h
INDF0
480h
INDF0
500h
INDF0
580h
INDF0
600h
INDF0
680h
INDF0
700h
INDF0
780h
INDF0
401h
INDF1
481h
INDF1
501h
INDF1
581h
INDF1
601h
INDF1
681h
INDF1
701h
INDF1
781h
INDF1
402h
PCL
482h
PCL
502h
PCL
582h
PCL
602h
PCL
682h
PCL
702h
PCL
782h
PCL
403h
STATUS
483h
STATUS
503h
STATUS
583h
STATUS
603h
STATUS
683h
STATUS
703h
STATUS
783h
STATUS
404h
FSR0L
484h
FSR0L
504h
FSR0L
584h
FSR0L
604h
FSR0L
684h
FSR0L
704h
FSR0L
784h
FSR0L
405h
FSR0H
485h
FSR0H
505h
FSR0H
585h
FSR0H
605h
FSR0H
685h
FSR0H
705h
FSR0H
785h
FSR0H
406h
FSR1L
486h
FSR1L
506h
FSR1L
586h
FSR1L
606h
FSR1L
686h
FSR1L
706h
FSR1L
786h
FSR1L
407h
FSR1H
487h
FSR1H
507h
FSR1H
587h
FSR1H
607h
FSR1H
687h
FSR1H
707h
FSR1H
787h
FSR1H
408h
BSR
488h
BSR
508h
BSR
588h
BSR
608h
BSR
688h
BSR
708h
BSR
788h
BSR
409h
WREG
489h
WREG
509h
WREG
589h
WREG
609h
WREG
689h
WREG
709h
WREG
789h
WREG
40Ah
PCLATH
48Ah
PCLATH
50Ah
PCLATH
58Ah
PCLATH
60Ah
PCLATH
68Ah
PCLATH
70Ah
PCLATH
78Ah
PCLATH
40Bh
INTCON
48Bh
INTCON
50Bh
INTCON
58Bh
INTCON
60Bh
INTCON
68Bh
INTCON
70Bh
INTCON
78Bh
INTCON
40Ch
—
48Ch
—
50Ch
—
58Ch
—
60Ch
—
68Ch
—
70Ch
—
78Ch
—
40Dh
—
48Dh
—
50Dh
—
58Dh
—
60Dh
—
68Dh
—
70Dh
—
78Dh
—
40Eh
—
48Eh
—
50Eh
—
58Eh
—
60Eh
—
68Eh
—
70Eh
—
78Eh
—
40Fh
—
48Fh
—
50Fh
—
58Fh
—
60Fh
—
68Fh
—
70Fh
—
78Fh
—
410h
—
490h
—
510h
—
590h
—
610h
—
690h
—
710h
—
790h
—
411h
—
491h
—
511h
—
591h
—
611h
—
691h
—
711h
—
791h
See Table 2-10 or
Table 2-11
412h
—
492h
—
512h
—
592h
—
612h
—
692h
—
712h
—
792h
413h
—
493h
—
513h
—
593h
—
613h
—
693h
—
713h
—
793h
414h
—
494h
—
514h
—
594h
—
614h
—
694h
—
714h
—
794h
415h
TMR4
495h
—
515h
—
595h
—
615h
—
695h
—
715h
—
795h
416h
PR4
496h
—
516h
—
596h
—
616h
—
696h
—
716h
—
796h
417h
T4CON
497h
—
517h
—
597h
—
617h
—
697h
—
717h
—
797h
418h
—
498h
—
518h
—
598h
—
618h
—
698h
—
718h
—
798h
419h
—
499h
—
519h
—
599h
—
619h
—
699h
—
719h
—
799h
41Ah
—
49Ah
—
51Ah
—
59Ah
—
61Ah
—
69Ah
—
71Ah
—
79Ah
41Bh
—
49Bh
—
51Bh
—
59Bh
—
61Bh
—
69Bh
—
71Bh
—
79Bh
41Ch
TMR6
49Ch
—
51Ch
—
59Ch
—
61Ch
—
69Ch
—
71Ch
—
79Ch
41Dh
PR6
49Dh
—
51Dh
—
59Dh
—
61Dh
—
69Dh
—
71Dh
—
79Dh
41Eh
T6CON
49Eh
—
51Eh
—
59Eh
—
61Eh
—
69Eh
—
71Eh
—
79Eh
41Fh
—
49Fh
—
51Fh
—
59Fh
—
61Fh
—
69Fh
—
71Fh
—
79Fh
420h
Unimplemented
Read as ‘0’
4A0h
Unimplemented
Read as ‘0’
520h
Unimplemented
Read as ‘0’
5A0h
Unimplemented
Read as ‘0’
620h
Unimplemented
Read as ‘0’
6A0h
Unimplemented
Read as ‘0’
720h
Unimplemented
Read as ‘0’
7A0h
46Fh
4EFh
56Fh
5EFh
66Fh
6EFh
76Fh
7EFh
470h
Accesses
70h – 7Fh
4F0h
Accesses
70h – 7Fh
570h
Accesses
70h – 7Fh
5F0h
Accesses
70h – 7Fh
670h
Accesses
70h – 7Fh
6F0h
Accesses
70h – 7Fh
770h
Accesses
70h – 7Fh
7F0h
Accesses
70h – 7Fh
47Fh
4FFh
57Fh
5FFh
67Fh
6FFh
77Fh
7FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com