Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1934-E/SP Datasheet(PDF) 42 Page - Microchip Technology

Part # PIC16F1934-E/SP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SP Datasheet(HTML) 42 Page - Microchip Technology

Back Button PIC16F1934-E/SP Datasheet HTML 38Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 39Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 40Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 41Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 42Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 43Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 44Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 45Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 418 page
background image
PIC16F193X/LF193X
DS41364A-page 40
Preliminary
© 2008 Microchip Technology Inc.
Bank 5
280h(2)
INDF0
Addressing this location uses contents of FSR0H/FSR0L to address data memory
(not a physical register)
xxxx xxxx xxxx xxxx
281h(2)
INDF1
Addressing this location uses contents of FSR1H/FSR1L to address data memory
(not a physical register)
xxxx xxxx xxxx xxxx
282h(2)
PCL
Program Counter (PC) Least Significant Byte
0000 0000 0000 0000
283h(2)
STATUS
—
—
—TO
PD
ZDC
C
---1 1000 ---q quuu
284h(2)
FSR0L
Indirect Data Memory Address 0 Low Pointer
0000 0000 uuuu uuuu
285h(2)
FSR0H
Indirect Data Memory Address 0 High Pointer
0000 0000 0000 0000
286h(2)
FSR1L
Indirect Data Memory Address 1 Low Pointer
0000 0000 uuuu uuuu
287h(2)
FSR1H
Indirect Data Memory Address 1 High Pointer
0000 0000 0000 0000
288h(2)
BSR
—
—
—
BSR4
BSR3
BSR2
BSR1
BSR0
---0 0000 ---0 0000
289h(2)
WREG
Working Register
0000 0000 uuuu uuuu
28Ah(1, 2) PCLATH
—
Write Buffer for the upper 7 bits of the Program Counter
-000 0000 -000 0000
28Bh(2)
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
0000 000x 0000 000u
28Ch
—
Unimplemented
—
—
28Dh
—
Unimplemented
—
—
28Eh
—
Unimplemented
—
—
28Fh
—
Unimplemented
—
—
290h
—
Unimplemented
—
—
291h
CCPR1L
Capture/Compare/PWM Register 1 (LSB)
xxxx xxxx uuuu uuuu
292h
CCPR1H
Capture/Compare/PWM Register 1 (MSB)
xxxx xxxx uuuu uuuu
293h
CCP1CON
P1M1
P1M0
DC1B1
DC1B0
CCP1M3
CCP1M2
CCP1M1
CCP1M0 0000 0000 0000 0000
294h
PWM1CON
P1RSEN
P1DC6
P1DC5
P1DC4
P1DC3
P1DC2
P1DC1
P1DC0
0000 0000 0000 0000
295h
CCP1AS
CCP1ASE
CCP1AS2
CCP1AS1
CCP1AS0
PSS1AC1
PSS1AC0 PSS1BD1 PSS1BD0 0000 0000 0000 0000
296h
PSTR1CON
—
—
—
STR1SYNC
STR1D
STR1C
STR1B
STR1A
---0 0001 ---0 0001
297h
—
Unimplemented
—
—
298h
CCPR2L
Capture/Compare/PWM Register 2 (LSB)
xxxx xxxx uuuu uuuu
299h
CCPR2H
Capture/Compare/PWM Register 2 (MSB)
xxxx xxxx uuuu uuuu
29Ah
CCP2CON
P2M1
P2M0
DC2B1
DC2B0
CCP2M3
CCP2M2
CCP2M1
CCP2M0 0000 0000 0000 0000
29Bh
PWM2CON
P2RSEN
P2DC6
P2DC5
P2DC4
P2DC3
P2DC2
P2DC1
P2DC0
0000 0000 0000 0000
29Ch
CCP2AS
CCP2ASE
CCP2AS2
CCP2AS1
CCP2AS0
PSS2AC1
PSS2AC0 PSS2BD1 PSS2BD0 0000 0000 0000 0000
29Dh
PSTR2CON
—
—
—
STR2SYNC
STR2D
STR2C
STR2B
STR2A
---0 0001 ---0 0001
29Eh
CCPTMRS0
C4TSEL1
C4TSEL0
C3TSEL1
C3TSEL0
C2TSEL1
C2TSEL0
C1TSEL1 C1TSEL0 0000 0000 0000 0000
29Fh
CCPTMRS1
—
—
—
—
—
—
C5TSEL1 C5TSEL0 ---- --00 ---- --00
TABLE 2-13:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on all
other
Resets
Legend:
x
= unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’, r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note 1:
The upper byte of the program counter is not directly accessible. PCLATH is a holding register for the PC<14:8>, whose contents are transferred
to the upper byte of the program counter.
2:
These registers can be addressed from any bank.
3:
These registers/bits are not implemented on PIC16F1933/1936/1938/PIC16LF1933/1936/1938 devices, read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com