Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1934-E/SP Datasheet(PDF) 111 Page - Microchip Technology

Part # PIC16F1934-E/SP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SP Datasheet(HTML) 111 Page - Microchip Technology

Back Button PIC16F1934-E/SP Datasheet HTML 107Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 108Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 109Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 110Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 111Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 112Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 113Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 114Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 115Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 109
PIC16F193X/LF193X
8.3
Clock Source Modes
Clock Source modes can be classified as external or
internal.
• External Clock modes rely on external circuitry for
the clock source. Examples are: oscillator mod-
ules (EC mode), quartz crystal resonators or
ceramic resonators (LP, XT and HS modes) and
Resistor-Capacitor (RC) mode circuits.
• Internal clock sources are contained internally
within the oscillator module. The oscillator module
has two internal oscillators: the 16 MHz
High-Frequency Internal Oscillator (HFINTOSC),
500 kHZ (MFINTOSC) and the 31 kHz
Low-Frequency Internal Oscillator (LFINTOSC).
The system clock can be selected between external or
internal clock sources via the System Clock Select
(SCS) bit of the OSCCON register. See Section 8.6
“Clock Switching” for additional information. When
switching between clock sources, a delay is required to
allow the new clock to stabilize. These oscillator delays
are shown in Table 8-1.
8.4
External Clock Modes
8.4.1
OSCILLATOR START-UP TIMER (OST)
If the oscillator module is configured for LP, XT or HS
modes, the Oscillator Start-up Timer (OST) counts
1024 oscillations from OSC1. This occurs following a
Power-on Reset (POR) and when the Power-up Timer
(PWRT) has expired (if configured), or a wake-up from
Sleep. During this time, the program counter does not
increment and program execution is suspended. The
OST ensures that the oscillator circuit, using a quartz
crystal resonator or ceramic resonator, has started and
is providing a stable system clock to the oscillator
module.
In order to minimize latency between external oscillator
start-up and code execution, the Two-Speed Clock
Start-up mode can be selected (see Section 8.6.3
“Timer1 Oscillator Ready (T1OSCR) Bit”).
TABLE 8-1:
OSCILLATOR SWITCHING DELAYS
8.4.2
EC MODE
The External Clock (EC) mode allows an externally
generated logic level as the system clock source. When
operating in this mode, an external clock source is
connected to the OSC1 input. OSC2/CLKOUT is
available for general purpose I/O or CLKOUT.
Figure 8-2 shows the pin connections for EC mode.
The Oscillator Start-up Timer (OST) is disabled when
EC mode is selected. Therefore, there is no delay in
operation after a Power-on Reset (POR) or wake-up
from Sleep. Because the PIC® MCU design is fully
static, stopping the external clock input will have the
effect of halting the device while leaving all data intact.
Upon restarting the external clock, the device will
resume operation as if no time had elapsed.
FIGURE 8-2:
EXTERNAL CLOCK (EC)
MODE OPERATION
Switch From
Switch To
Frequency
Oscillator Delay
Sleep/POR
LFINTOSC(1)
MFINTOSC(1)
HFINTOSC(1)
31 kHz
31.25 kHz-500 kHz
31.25kHz-16MHz
Oscillator Warm-up Delay (TWARM)
Sleep/POR
EC, RC(1)
DC – 32 MHz
2 cycles
LFINTOSC
EC, RC(1)
DC – 32 MHz
1 cycle of each
Sleep/POR
Timer1 Oscillator
LP, XT, HS(1)
32 kHz-20 MHz
1024 Clock Cycles (OST)
Any clock source
MFINTOSC(1)
HFINTOSC(1)
31.25 kHz-500 kHz
31.25kHz-16MHz
2
μs (approx.)
Any clock source
LFINTOSC(1)
31 kHz
1 cycle of each
Any clock source
Timer1 Oscillator
32 kHz
1024 Clock Cycles (OST)
PLL inactive
PLL active
16-32 MHz
2 ms (approx.)
Note 1:
PLL inactive.
OSC1/CLKIN
OSC2/CLKOUT(1)
Clock from
Ext. System
PIC® MCU
FOSC/4 or
I/O(1)
Note
1:
Output depends upon CLKOUTEN bit of the
Configuration Word 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com