Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1934-E/SP Datasheet(PDF) 128 Page - Microchip Technology

Part # PIC16F1934-E/SP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SP Datasheet(HTML) 128 Page - Microchip Technology

Back Button PIC16F1934-E/SP Datasheet HTML 124Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 125Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 126Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 127Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 128Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 129Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 130Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 131Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 132Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 418 page
background image
PIC16F193X/LF193X
DS41364A-page 126
Preliminary
© 2008 Microchip Technology Inc.
REGISTER 10-1:
CONFIGURATION WORD 1
R/P-1/1
R/P-1/1
R/P-1/1
R/P-1/1
R/P-1/1
R/P-1/1
R/P-1/1
FCMEN
IESO
CLKOUTEN
BOREN1
BOREN0
CPD
CP
bit 13
bit 7
R/P-1/1
R/P-1/1
R/P-1/1
R/P-1/1
R/P-1/1
R/P-1/1
R/P-1/1
MCLRE
PWRTE
WDTE1
WDTE0
FOSC2
FOSC1
FOSC0
bit 6
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 13
FCMEN: Fail-Safe Clock Monitor Enable bit
1
= Fail-Safe Clock Monitor is enabled
0
= Fail-Safe Clock Monitor is disabled
bit 12
IESO: Internal External Switchover bit
1
= Internal/External Switchover mode is enabled
0
= Internal/External Switchover mode is disabled
bit 11
CLKOUTEN: Clock Out Enable bit
1
= CLKOUT function is disabled. I/O or oscillator function on RA6/CLKOUT
0
= CLKOUT function is enabled on RA6/CLKOUT
bit 10-9
BOREN<1:0>: Brown-out Reset Enable bits(1)
11
= BOR enabled
10
= BOR enabled during operation and disabled in Sleep
01
= BOR controlled by SBOREN bit of the PCON register
00
= BOR disabled
bit 8
CPD: Data Code Protection bit(2)
1
= Data memory code protection is disabled
0
= Data memory code protection is enabled
bit 7
CP: Code Protection bit(3)
1
= Program memory code protection is disabled
0
= Program memory code protection is enabled
bit 6
MCLRE: RE3/MCLR/VPP Pin Function Select bit
If LVP bit = 1:
This bit is ignored.
If LVP bit = 0:
1
=RE3/MCLR/VPP pin function is MCLR; Weak pull-up enabled.
0
= RE3/MCLR/VPP pin function is digital input; MCLR internally disabled; Weak pull-up under control of WPUE3
bit..
bit 5
PWRTE: Power-up Timer Enable bit(1)
1
= PWRT disabled
0
= PWRT enabled
bit 4-3
WDTE<1:0>: Watchdog Timer Enable bit
11
= WDT enabled
10
= WDT enabled while running and disabled in Sleep
01
= WDT controlled by the SWDTEN bit in the WDTCON register
00
= WDT disabled
Note
1:
Enabling Brown-out Reset does not automatically enable Power-up Timer.
2:
The entire data EEPROM will be erased when the code protection is turned off during an erase.
3:
The entire program memory will be erased when the code protection is turned off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com