Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F688-E/ST Datasheet(PDF) 203 Page - Microchip Technology

Part # PIC16F688-E/ST
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F688-E/ST Datasheet(HTML) 203 Page - Microchip Technology

Back Button PIC16F688-E/ST Datasheet HTML 196Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 197Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 198Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 199Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 200Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 201Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 202Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 203Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 204Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 203 / 204 page
background image
© 2009 Microchip Technology Inc.
DS41203E-page 201
PIC16F688
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
XXX
Pattern
Package
Temperature
Range
Device
Device
PIC16F688, PIC16F688T(1)
VDD range 2.0V to 5.5V
Temperature Range
I
= -40
°C to +85°C
(Industrial)
E= -40
°C to +125°C
(Extended)
Package
ML
=
Quad Flat No Leads (QFN)
P
=
Plastic DIP
SL
=
16-lead Small Outline (3.90 mm)
ST
=
Thin Shrink Small Outline (4.4 mm)
Pattern
QTP, SQTP
SM or ROM Code; Special Requirements
(blank otherwise)
Examples:
a)
PIC16F688-E/P 301 = Extended Temp., PDIP
package, 20 MHz, QTP pattern #301
b)
PIC16F688-I/SO = Industrial Temp., SOIC
package, 20 MHz.
Note
1:
T=In tape and reel TSSOP, SOIC and
QFN packages only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com