Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F688-E/ST Datasheet(PDF) 12 Page - Microchip Technology

Part # PIC16F688-E/ST
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F688-E/ST Datasheet(HTML) 12 Page - Microchip Technology

Back Button PIC16F688-E/ST Datasheet HTML 8Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 9Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 10Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 11Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 12Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 13Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 14Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 15Page - Microchip Technology PIC16F688-E/ST Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 204 page
background image
PIC16F688
DS41203E-page 10
© 2009 Microchip Technology Inc.
TABLE 2-2:
PIC16F688 SPECIAL FUNCTION REGISTERS SUMMARY BANK 1
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR/BOR
Page
Bank 1
80h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
20, 117
81h
OPTION_REG
RAPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
14, 117
82h
PCL
Program Counter’s (PC) Least Significant Byte
0000 0000
19, 117
83h
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
13, 117
84h
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
20, 117
85h
TRISA
—
—
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
--11 1111
33, 117
86h
—
Unimplemented
—
—
87h
TRISC
—
—
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
--11 1111
42, 117
88h
—
Unimplemented
—
—
89h
—
Unimplemented
—
—
8Ah
PCLATH
—
—
—
Write Buffer for upper 5 bits of Program Counter
---0 0000
19, 117
8Bh
INTCON
GIE
PEIE
T0IE
INTE
RAIE
T0IF
INTF
RAIF(3)
0000 000x
15, 117
8Ch
PIE1
EEIE
ADIE
RCIE
C2IE
C1IE
OSFIE
TXIE
TMR1IE
0000 0000
16, 117
8Dh
—
Unimplemented
—
—
8Eh
PCON
—
—
ULPWUE
SBOREN
—
—POR
BOR
--01 --qq
18, 117
8Fh
OSCCON
—
IRCF2
IRCF1
IRCF0
OSTS
HTS
LTS
SCS
-110 x000
22, 118
90h
OSCTUNE
—
—
—
TUN4
TUN3
TUN2
TUN1
TUN0
---0 0000
26, 118
91h
ANSEL
ANS7
ANS6
ANS5
ANS4
ANS3
ANS2
ANS1
ANS0
1111 1111
34, 118
92h
—
Unimplemented
—
—
93h
—
Unimplemented
—
—
94h
—
Unimplemented
—
—
95h
WPUA(2)
—
—
WPUA5
WPUA4
—
WPUA2
WPUA1
WPUA0
--11 -111
35, 118
96h
IOCA
—
—
IOCA5
IOCA4
IOCA3
IOCA2
IOCA1
IOCA0
--00 0000
35, 118
97h
EEDATH
—
—
EEDATH5
EEDATH4
EEDATH3
EEDATH2
EEDATH1
EEDATH0
--00 0000
78, 118
98h
EEADRH
—
—
—
—
EEADRH3 EEADRH2 EEADRH1 EEADRH0
---- 0000
78, 118
99h
VRCON
VREN
—VRR
—
VR3
VR2
VR1
VR0
0-0- 0000
63, 118
9Ah
EEDAT
EEDAT7
EEDAT6
EEDAT5
EEDAT4
EEDAT3
EEDAT2
EEDAT1
EEDAT0
0000 0000
78, 118
9Bh
EEADR
EEADR7
EEADR6
EEADR5
EEADR4
EEADR3
EEADR2
EEADR1
EEADR0
0000 0000
78, 118
9Ch
EECON1
EEPGD
—
—
—
WRERR
WREN
WR
RD
x--- x000
79, 118
9Dh
EECON2
EEPROM Control 2 Register (not a physical register)
---- ----
77, 118
9Eh
ADRESL
Least Significant 2 bits of the left shifted result or 8 bits of the right shifted result
xxxx xxxx
72, 118
9Fh
ADCON1
—
ADCS2
ADCS1
ADCS0
—
—
—
—
-000 ----
71, 118
Legend:
– = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition, shaded = unimplemented
Note
1:
Other (non Power-up) Resets include MCLR Reset and Watchdog Timer Reset during normal operation.
2:
RA3 pull-up is enabled when pin is configured as MCLR in the Configuration Word register.
3:
MCLR and WDT Reset does not affect the previous value data latch. The RAIF bit will be cleared upon Reset but will set again if the
mismatched exists.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com